Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC667201MMG1 Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # SC667201MMG1
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC667201MMG1 Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button SC667201MMG1 Datasheet HTML 91Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 92Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 93Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 94Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 95Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 96Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 97Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 98Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
Freescale Semiconductor
95
Electrical characteristics
3.17.4
Calibration bus interface timing
Table 40. Calibration bus interface maximum operating frequency
Port width
Multiplexed
mode
Pin usage
Max. operating
frequency
CAL_ADDR[12:15]
CAL_ADDR[16:30]
CAL_DATA[0:15]
16-bit
Yes
GPIO
GPIO
CAL_ADDR[12:30]
CAL_DATA[0:15]
66 MHz1
1 Set SIU_ECCR[EBDF] to either divide by two or divide by four if the system frequency is greater than 66 MHz.
16-bit
No
CAL_ADDR[12:15]
CAL_ADDR[16:30]
CAL_DATA[0:15]
66 MHz1
32-bit
Yes
CAL_WE/BE[2:3]
CAL_DATA[31]
CAL_ADDR[16:30]
CAL_DATA[16:30]
CAL_ADDR[0:15]
CAL_DATA[0:15]
66 MHz1
Table 41. Calibration bus operation timing1
#
Symbol
C
Characteristic
66 MHz2
Unit
Min
Max
1TC
CC P CLKOUT period3
15.2
—
ns
2tCDC CC T CLKOUT duty cycle
45%
55%
TC
3tCRT CC T CLKOUT rise time
—
4
ns
4tCFT CC T CLKOUT fall time
—
4
ns
5tCOH CC P CLKOUT Posedge to Output Signal Invalid or High Z (Hold Time)
CAL_ADDR[12:30]
CAL_CS[0], CAL_CS[2:3]
CAL_DATA[0:15]
CAL_OE
CAL_RD_WR
CAL_TS
CAL_WE[0:3]/BE[0:3]
1.3
—
ns
6tCOV CC P CLKOUT Posedge to Output Signal Valid (Output Delay)
CAL_ADDR[12:30]
CAL_CS[0], CAL_CS[2:3]
CAL_DATA[0:15]
CAL_OE
CAL_RD_WR
CAL_TS
CAL_WE[0:3]/BE[0:3]
—9
ns
7tCIS CC P Input Signal Valid to CLKOUT Posedge (Setup Time)
DATA[0:31]
6.0
—
ns
8tCIH CC P CLKOUT Posedge to Input Signal Invalid (Hold Time)
DATA[0:31]
1.0
—
ns
9tAPW CC P ALE Pulse Width
5
6.5
—
ns
10
tAAI CC P ALE Negated to Address Invalid
5
1.56
—ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com