Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC667201MMG1 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # SC667201MMG1
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC667201MMG1 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button SC667201MMG1 Datasheet HTML 82Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 83Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 84Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 85Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 86Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 87Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 88Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 89Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
86
Freescale Semiconductor
Electrical characteristics
3.17
AC timing
3.17.1
Reset and configuration pin timing
Figure 11. Reset and configuration pin timing
3.17.2
IEEE 1149.1 interface timing
Table 36. Reset and configuration pin timing1
1 Reset timing specified at: V
DDEH = 3.0 V to 5.25 V, VDD = 1.14 V to 1.32 V, TA =TL to TH.
#
Symbol
Characteristic
Value
Unit
Min
Max
1tRPW
RESET Pulse Width
10
—
tCYC
2tGPW
RESET Glitch Detect Pulse Width
2
—
tCYC
3tRCSU
PLLREF, BOOTCFG, WKPCFG Setup Time to RSTOUT Valid
10
—
tCYC
4tRCH
PLLREF, BOOTCFG, WKPCFG Hold Time to RSTOUT Valid
0
—
tCYC
Table 37. JTAG pin AC electrical characteristics1
#
Symbol
C
Characteristic
Value
Unit
Min
Max
1tJCYC
CC D TCK Cycle Time
100
—
ns
2tJDC
CC D TCK Clock Pulse Width
40
60
ns
3tTCKRISE
CC D TCK Rise and Fall Times (40%–70%)
—
3
ns
1
2
RESET
RSTOUT
WKPCFG
3
4
BOOTCFG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com