Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LEB2-0820P Datasheet(PDF) 27 Page - Tyco Electronics

Part # LEB2-0820P
Description  Label format - Old format order code cross reference
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LEB2-0820P Datasheet(HTML) 27 Page - Tyco Electronics

Back Button LEB2-0820P Datasheet HTML 23Page - Tyco Electronics LEB2-0820P Datasheet HTML 24Page - Tyco Electronics LEB2-0820P Datasheet HTML 25Page - Tyco Electronics LEB2-0820P Datasheet HTML 26Page - Tyco Electronics LEB2-0820P Datasheet HTML 27Page - Tyco Electronics LEB2-0820P Datasheet HTML 28Page - Tyco Electronics LEB2-0820P Datasheet HTML 29Page - Tyco Electronics LEB2-0820P Datasheet HTML 30Page - Tyco Electronics LEB2-0820P Datasheet HTML 31Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
112
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Kapton® labels
Thermal Transfer
Tyco Electronics polyimide (Kapton
®) labels are all ideal for high
temperature labeling requirements such as printed circuit boards.
They are suitable for direct wave (bottom side) and IR reflow (top
side) PCB applications. Tyco Electronics Kapton
® labels are
designed to withstand the fluxes, cleaning solvents and molten
solder encountered in the manufacture of printed circuit boards.
They offer excellent contrast for bar code applications. Tyco
Electronics Kapton
® labels are suitable for the harshest high
temperature applications. For reliable print performance and
durability, use with Tyco Electronics’s 1330-0619 ribbon.
Features and benefits
I UL Listed: T1K and T2K
I Thermal transfer printable
I High temperature permanent acrylic adhesive
T1K
I Gloss white topcoat
I Withstands surface mount board processes on either the top or
bottom side of the board
I Low profile 1 mil film offers polyimide thermal
performance at competitive cost
I Ideal for manual apply applications
T2K
I Gloss white topcoat
I Withstands surface mount board processes on either the top or
bottom side of the board
I Ideal for auto apply applications
KTT
I Matte tan topcoat
I Withstands surface mount board processes on either
the top or bottom side of the board
I Product approved for aerospace/defense applications.
I Low outgassing
TSK
I High opacity gloss white topcoat
I Withstands surface mount board processes on either the top or
bottom side of the board
I Deemed to be a static safe product in accordance with EIA 625,
EIA 541. Test methods employed were in accordance with
EOS/ESD S11.11
I Ideal for auto apply applications
Specifications/Approvals
Tyco Electronics
T1K
TTDS--034
T2K
TTDS--035
TSK
TTDS--085
Industry
UL
T1K
MH17292 Group PGJI2
T2K
MH17292 Group PGJI2
Adhesive
Permanent acrylic
Service temperature
T1K
1, T2K2,
–40°C to +260°C
–40°F to +500°F
TSK
2, KTT2
1
Flash exposure to +472°C (+800°F)
2
Flash exposure to +538°C (+1000°F)
Recommended printer
T1K, T2K, TSK, T2Y
T312S*
KTT
Recommended ribbon 1330-0619-10*
* Alternative printers and ribbons are available for
special applications. Contact Tyco Electronics
Identification for more information.
T1K- 044033-10 - 9
Part numbering system
Color
Pack size
Label height (mm)
Label width (mm)
Product family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com