Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LEB2-0820P Datasheet(PDF) 35 Page - Tyco Electronics

Part # LEB2-0820P
Description  Label format - Old format order code cross reference
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LEB2-0820P Datasheet(HTML) 35 Page - Tyco Electronics

Back Button LEB2-0820P Datasheet HTML 31Page - Tyco Electronics LEB2-0820P Datasheet HTML 32Page - Tyco Electronics LEB2-0820P Datasheet HTML 33Page - Tyco Electronics LEB2-0820P Datasheet HTML 34Page - Tyco Electronics LEB2-0820P Datasheet HTML 35Page - Tyco Electronics LEB2-0820P Datasheet HTML 36Page - Tyco Electronics LEB2-0820P Datasheet HTML 37Page - Tyco Electronics LEB2-0820P Datasheet HTML 38Page - Tyco Electronics LEB2-0820P Datasheet HTML 39Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
120
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
EP Economy paper labels
Thermal Transfer
Tyco Electronics EP is a thermal transfer printable paper with a
permanent adhesive, designed for use in general purpose labeling
applications requiring a low cost label material. EP has an
aggressive adhesive for bonding to corrugated, films and plastic
materials, and it is ideal for labeling in mild environments. The
ultra-smooth finish is excellent for bar coding applications. EP
remains bonded permanently to most surfaces and typically
results in label or substrate tear when removal is attempted. For
reliable print performance use with Tyco Electronics
1330-0600 ribbon.
Features and benefits
I Thermal transfer printable
I Ultra-smooth coated facestock
I Versatile adhesive with excellent initial tack
I Several die-cut sizes available
Specifications/Approvals
Industry
UL MH17001 Group PGDQ2
Adhesive
Permanent rubber-based
Service temperature
–53°C to +93°C
–65°F to +200°F
Recommended printer T308S*
Recommended ribbon 1330-0600-10*
*Alternative printers and ribbons are available for special
applications. Contact Tyco Electronics Identification for
more information.
EP 101 508 2.5 9
Part numbering system
Color
Pack size
Label height (mm)
Label width (mm)
Product family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com