Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LEB2-0820P Datasheet(PDF) 48 Page - Tyco Electronics

Part # LEB2-0820P
Description  Label format - Old format order code cross reference
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LEB2-0820P Datasheet(HTML) 48 Page - Tyco Electronics

Back Button LEB2-0820P Datasheet HTML 40Page - Tyco Electronics LEB2-0820P Datasheet HTML 41Page - Tyco Electronics LEB2-0820P Datasheet HTML 42Page - Tyco Electronics LEB2-0820P Datasheet HTML 43Page - Tyco Electronics LEB2-0820P Datasheet HTML 44Page - Tyco Electronics LEB2-0820P Datasheet HTML 45Page - Tyco Electronics LEB2-0820P Datasheet HTML 46Page - Tyco Electronics LEB2-0820P Datasheet HTML 47Page - Tyco Electronics LEB2-0820P Datasheet HTML 48Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 48 page
background image
133
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
LE/LM/LEB2 Polyester labels
Laser
Ordering information
LE
Product
Package
Labels
Labels
Label width (A)
Label height (B)
Horizontal repeat (C)
Vertical repeat (D)
order code
quantity
across
per sheet
mm
inches
mm
inches
mm
inches
mm
inches
314-LE
4,000
16
400
9.5
0.375
9.5
0.375
12.7
0.500
9.5
0.375
301-LE
4,800
10
480
16.5
0.650
5.1
0.200
20.3
0.800
5.1
0.200
303-LE
3,040
8
304
20.3
0.800
6.4
0.250
25.4
1.000
6.4
0.250
304-LE
1,520
8
152
20.3
0.800
12.7
0.500
25.4
1.000
12.7
0.500
309-LE
2,660
7
266
25.4
1.000
6.4
0.250
27.9
1.100
6.4
0.250
305-LE
1,750
7
175
25.4
1.000
9.5
0.375
27.9
1.100
9.5
0.375
307-LE
1,330
7
133
25.4
1.000
12.7
0.500
27.9
1.100
12.7
0.500
310-LE
1,900
5
190
38.1
1.500
6.4
0.250
40.6
1.600
6.4
0.250
308-LE
600
5
60
38.1
1.500
19.1
0.750
40.6
1.600
19.1
0.750
318-LE
400
4
40
50.8
2.000
25.4
1.000
50.8
2.000
25.4
1.000
319-LE
100
2
10
76.2
3.000
50.8
2.000
88.9
3.500
50.8
2.000
325-LE
10
1
1
215.9
8.500
279.4
11.000
N/A
N/A
N/A
N/A
LM
Product
Package
Labels
Labels
Label width (A)
Label height (B)
Horizontal repeat (C)
Vertical repeat (D)
order code
quantity
across
per sheet
mm
inches
mm
inches
mm
inches
mm
inches
314-LM
4,000
16
400
9.5
0.375
9.5
0.375
12.7
0.500
9.5
0.375
301-LM
4,800
10
480
16.5
0.650
5.1
0.200
20.3
0.800
5.1
0.200
303-LM
3,040
8
304
20.3
0.800
6.4
0.250
25.4
1.000
6.4
0.250
304-LM
1,520
8
152
20.3
0.800
12.7
0.500
25.4
1.000
12.7
0.500
309-LM
2,660
7
266
25.4
1.000
6.4
0.250
27.9
1.100
6.4
0.250
305-LM
1,750
7
175
25.4
1.000
9.5
0.375
27.9
1.100
9.5
0.375
307-LM
1,330
7
133
25.4
1.000
12.7
0.500
27.9
1.100
12.7
0.500
310-LM
1,900
5
190
38.1
1.500
6.4
0.250
40.6
1.600
6.4
0.250
308-LM
600
5
60
38.1
1.500
19.1
0.750
40.6
1.600
19.1
0.750
318-LM
400
4
40
50.8
2.000
25.4
1.000
50.8
2.000
25.4
1.000
319-LM
100
2
10
76.2
3.000
50.8
2.000
88.9
3.500
50.8
2.000
325-LM
10
1
1
215.9
8.500
279.4
11.000
N/A
N/A
N/A
N/A
LEB2
Product
Labels
Label height
Label width
Labels
Labels
order code
per sheet
mm
inches
mm
inches
per column
per row
LEB2-0615P <color>
480
6.0
0.236
15.0
0.590
48
10
LEB2-0818P <color>
324
8.0
0.315
18.0
0.709
36
9
LEB2-0820P <color>
288
8.0
0.315
20.0
0.787
36
8
LEB2-0825P <color>
252
8.0
0.315
25.0
0.984
36
7
LEB2-0916P <color>
320
9.0
0.354
16.0
0.630
32
10
LEB2-1318P <color>
198
13.0
0.512
18.0
0.709
22
9
LEB2-1325P <color>
154
13.0
0.512
25.0
0.984
22
7
Sheet sizes
LE, LM
8.5
" x 11"
LEB2
A4
Options (LEB2 only)
Colors
Yellow
White
Silver
Code
4
9
8A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com