Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LEB2-0820P Datasheet(PDF) 47 Page - Tyco Electronics

Part # LEB2-0820P
Description  Label format - Old format order code cross reference
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LEB2-0820P Datasheet(HTML) 47 Page - Tyco Electronics

Back Button LEB2-0820P Datasheet HTML 40Page - Tyco Electronics LEB2-0820P Datasheet HTML 41Page - Tyco Electronics LEB2-0820P Datasheet HTML 42Page - Tyco Electronics LEB2-0820P Datasheet HTML 43Page - Tyco Electronics LEB2-0820P Datasheet HTML 44Page - Tyco Electronics LEB2-0820P Datasheet HTML 45Page - Tyco Electronics LEB2-0820P Datasheet HTML 46Page - Tyco Electronics LEB2-0820P Datasheet HTML 47Page - Tyco Electronics LEB2-0820P Datasheet HTML 48Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
132
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
LE/LM/LEB2 Polyester labels
Laser
Ordering information
LE
Tyco Electronics LE is a white polyester film with a permanent acrylic
adhesive and a special top-coat designed specifically for use with
laser and ink jet printers. It is ideal for bar coding, PCB and
component labeling, and general labeling applications requiring a
white high durability label. LE offers high print resolution as well as
good solvent and smudge resistance.
LM
Tyco Electronics LM is a metalized polyester film with a permanent
acrylic adhesive and a special top-coat designed specifically for
use with laser and ink jet printers. It is ideal for rating plate
applications and other applications that require a ”metal look” such
as nameplates and equipment labels to detail product information
and serial numbers.
Note: On large label formats, some curl may occur on printing due
to duration of time in the laser printer.
LEB2
LEB2, our A4 size symmetrically-designed laser and ink jet labels,
guarantee a proper feeding in the paper tray. The label sheet can
be used in both directions and is also usable for the stack function
of your printer. The sheets can be used several times if partial label
amounts need to be printed. Special surface coatings guarantee
an extremely high aging-resistance of the printing image.
Features and benefits
I Laser printable
I Exceptional durability and tear strength
I Suitable for low volume applications
I Excellent for bar code applications
I Good resistance to common fluids and water
I LM metalized appearance is ideal for rating plate applications.
I LEB2 features symmetrical design – can be printed on from
both top sides
Specifications/Approvals
Tyco Electronics
LE
TTDS-069
LM
TTDS-070
Industry
UL
LM
MH14363 Group PGGU2
Adhesive
Permanent acrylic
Service temperature
–40°C to +150°C
–40°F to +302°F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com