Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

33663 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33663
Description  LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33663 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33663 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33663
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 5. Static Electrical Characteristics
Characteristics noted under conditions 7.0 V
 VSUP  18 V, -40 C  TA  125 C, GND = 0 V, unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
VSUP PIN (DEVICE POWER SUPPLY)
Nominal Operating Voltage
VSUP
7.0
13.5
18.0
V
Functional Operating Voltage(6)
VSUPOP
6.7
27
V
Load Dump
VSUPLD
40
V
Power-On Reset (POR) Threshold
VSUP Ramp Down and INH1, INH2 goes High to Low
VPOR
3.5
5.3
V
Power-On Reset (POR) Hysteresis
VPORHYST
270
mV
VSUP Under-voltage Threshold (positive and negative)
Transmission disabled and LIN1,LIN2 bus goes in recessive
VUVL, VUVH
5.8
6.7
V
VSUP Under-voltage Hysteresis (VUVL - VUVH)
VUVHYST
130
mV
Supply Current LIN1 and LIN2 in Sleep Mode
VSUP  13.5 V, Recessive State
13.5 V < VSUP < 27 V
VSUP  13.5 V, Shorted to GND
IS1
IS2
IS3
12.0
48
22
36
140
A
Supply Current LIN1 Normal Mode - LIN2 Sleep Mode (and vice versa)
Bus1 Recessive, BUS2 Sleep, Excluding INH1,INH2
OR (Bus2 Recessive, BUS1 Sleep, Excluding INH1,INH2)
Bus1 Dominant, BUS2 Sleep, Excluding INH1,INH2
OR (Bus2 Dominant, BUS1 Sleep, Excluding INH1,INH2)
IS_N_REC1,2
IS_N_DOM1,2
4.0
6.0
5.0
8.0
mA
Supply Current when LIN1 and LIN2 are in Normal or Slow or Fast Mode
Bus1 Recessive, Bus2 Recessive, Excluding INH1,INH2 Output Current
Bus1 Recessive, Bus2 Dominant, Excluding INH1,INH2 Output Current
Bus1 Dominant, Bus2 Recessive, Excluding INH1,INH2 Output Current
Bus1 Dominant, Bus2 Dominant, Excluding INH1,INH2 Output Current
IS(REC1,REC2)
IS(REC1,DOM2)
IS(DOM1,REC2)
IS(DOM1,DOM2)
8.0
12.0
12.0
12.0
9.0
13.0
13.0
16.0
mA
RXD1, RXD2 OUTPUT PINS (LOGIC)
Low Level Output Voltage
IIN  1.5 mA
VOL
0.0
0.9
V
High Level Output Voltage
VEN = 5.0 V, IOUT  250 A
VEN = 3.3 V, IOUT  250 A
VOH
4.25
3.0
5.25
3.5
V
Notes
6.
Device is functional. All features are operating. Electrical parameters are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com