Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

33663 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33663
Description  LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33663 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33663 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33663
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Receiver Threshold Center
(VTH_DOM + VTH_REC)/2
VBUS_CNT
0.475
0.5
0.525
VSUP
Receiver Threshold Hysteresis
(VTH_REC - VTH_DOM)
VHYS
0.175
VSUP
LIN dominant level with 500
680  and 1.0 k load on the LIN bus
VLINDOM_LEVEL
0.3
VSUP
VBAT_SHIFT
VSHIFT_BAT
0.0
11.5%
VBAT
GND_SHIFT
VSHIFT_GND
0.0
11.5%
VBAT
LIN Wake-up Threshold from Sleep Mode
VBUSWU
4.3
5.3
V
LIN Pull-up Resistor to VSUP
RSLAVE
20
30
60
k
LIN internal capacitor(13)
CLIN
30
pF
Over-temperature Shutdown(14)
TLINSD
150
160
200
°C
Over-temperature Shutdown Hysteresis
TLINSD_HYS
20
°C
INH1, INH2 OUTPUT PINS
Driver ON Resistance (Normal Mode)
IINH = 50 mA
INHON
50
Current load capability
From 7.0 V < VSUP < 18 V
IINH_load
30
mA
Leakage Current (Sleep Mode)
0 < VINH < VSUP
ILEAK
-5.0
5.0
A
Over-temperature Shutdown(15)
TINHSD
150
160
200
°C
Over-temperature Shutdown Hysteresis
TINHSD_HYS
20
°C
Notes
13.
This parameter is guaranteed by process monitoring but not production tested.
14.
When an over-temperature shutdown occurs, the LIN transmitter and receiver are in recessive state and INH switched off. This
parameter is tested with a test mode on ATE and characterized at laboratory.
15.
When an over-temperature shutdown occurs, the INH1, INH2 high side are switched off and the LIN transmitter and receiver are in
recessive state. This parameter is tested with a test mode on ATE and characterized at laboratory.
Table 5. Static Electrical Characteristics
Characteristics noted under conditions 7.0 V
 VSUP  18 V, -40 C  TA  125 C, GND = 0 V, unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com