Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

33663 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33663
Description  LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33663 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33663 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33663
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTIC
LIN1, LIN2 PHYSICAL LAYER - RECEIVERS CHARACTERISTICS ACCORDING LIN2.1(21)
33663L AND 33663J AND 33663S
Propagation Delay and Symmetry(22)
Propagation Delay of Receiver, tREC_PD = MAX (tREC_PDR, tREC_PDF)
Symmetry of Receiver Propagation Delay, tREC_PDF - tREC_PDR
tREC_PD
tREC_SYM
-2.0
6.0
2.0
s
LIN1, LIN2 PHYSICAL LAYER: RECEIVER CHARACTERISTICS WITH TIGHTEN LIMITS(21)
33663S DEVICE
Propagation Delay and Symmetry(22)
Propagation Delay of Receiver, tREC_PD = MAX (tREC_PDR, tREC_PDF)
Symmetry of Receiver Propagation Delay, tREC_PDF - tREC_PDR
tREC_PD_S
tREC_SYM_S
-1.3
5.0
1.3
s
LIN1, LIN2 PHYSICAL LAYER: RECEIVER CHARACTERISTICS - LIN SLOPE 1V/ns(21)
33663S DEVICE
Propagation Delay and Symmetry(23)
Propagation Delay of Receiver, tREC_PD _FAST= MAX (tREC_PDR_FAST,
tREC_PDF_FAST)
Symmetry of Receiver Propagation Delay, tREC_PDF_FAST - tREC_PDR_FAST
tREC_PD_FAST
tREC_SYM_FAST
-1.3
6.0
1.3
s
SLEEP MODE AND WAKE-UP TIMINGS
Sleep Mode Delay Time(24)
after EN High to Low to INH High to Low with 100µA load on INH
tSD
50
91
µs
WAKE-UP TIMINGS
Bus Wake-up Deglitcher (Sleep Mode) (25)
tWUF
40
70
100
s
EN Wake-up Deglitcher (26)
EN High to INH Low to High
tLWUE
15
s
Wake-up Deglitcher (27)
Wake state change to INH Low to High
tWF
10
48
70
s
Notes
21.
VSUP from 7.0 to 18 V, bus load RBUS and CBUS 1.0 nF / 1.0 k, 6.8 nF / 660 , 10 nF / 500 . Measurement thresholds: 50% of TXD
signal to LIN signal threshold defined at each parameter. See Figure 8.
22.
See Figure 12
23.
See Figure 13
24.
See Figures 22 and 23
25.
See Figures 15 and 17
26.
See Figures 14, 18, 22, and 23
27.
See Figures 16, 22, and 23
Table 6. Dynamic Electrical Characteristics
Characteristics noted under conditions 7.0 V
 VSUP  18 V, -40 C  TA  125 C, GND = 0 V, unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com