Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

33663 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33663
Description  LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33663 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33663 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33663
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 8. Test Circuit for Timing Measurements
TXD TIMING
TXD Permanent Dominant State Delay(28)
tTXDDOM
3.75
5.0
6.25
ms
FIRST DOMINANT BIT VALIDATION
First dominant bit validation delay when device in Normal Mode(29)
tFIRST_DOM
50
80
ms
FAST BAUD RATE TIMING
EN Low Pulse Duration to Enter in Fast Baud Rate Using Toggle Function (30)
EN High to Low and Low to High
t1
45
s
TXD Low Pulse Duration to Enter in Fast Baud Rate Using Toggle Function (30)
t2
12.5
µs
Delay Between EN Falling Edge and TXD Falling Edge to Enter in Fast Baud
Rate Using Toggle Function (30)
t3
12.5
µs
Delay Between TXD Rising Edge and EN Rising Edge to Enter in Fast Baud
Rate Using Toggle Function (30)
t4
12.5
µs
RXD Low Level duration after EN rising edge to validate the Fast Baud Rate
entrance(30)
t5
1.875
6.25
µs
Notes
28.
The LIN is in recessive state and the receiver is still active
29.
See Figures 14, 15, 16, and 21
30.
See Figures 19 and 20
Table 6. Dynamic Electrical Characteristics
Characteristics noted under conditions 7.0 V
 VSUP  18 V, -40 C  TA  125 C, GND = 0 V, unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
LIN
GND
C0
R0
VSUP
VSUP
Note R0 and C0: 1.0 k/1.0 nF, 660 /6.8 nF, and 500 /10 nF.
TXD
RXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com