Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM357-MOD-RF-T Datasheet(PDF) 33 Page - Silicon Laboratories

Part # EM357-MOD-RF-T
Description  EM35x Development Kit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-MOD-RF-T Datasheet(HTML) 33 Page - Silicon Laboratories

Back Button EM357-MOD-RF-T Datasheet HTML 29Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 30Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 31Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 32Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 33Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 34Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 35Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 36Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 37Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
6-2
EM35x Development Kit User Guide
120-4030-000E
If you are unable to use DHCP, the Ethernet configuration may be changed using the admin interface over USB
as described in “Using the admin interface over USB.” The following example changes the settings to a static IP
address of 192.168.1.100 with a netmask of 255.255.255.0 and a gateway of 192.168.1.1.
>em3xx_isa.exe --admin "ip static 192.168.1.100 255.255.255.0 192.168.1.1"
em3xx_isa version 1.0.9
DLL version 1.0.13, compiled Aug 19 2009 19:42:00
Success: ip: (after reboot) Static 192.168.1.100 255.255.255.0 192.168.1.1
>em3xx_isa.exe --admin "ip dhcp off"
em3xx_isa version 1.0.9
DLL version 1.0.13, compiled Aug 19 2009 19:42:00
Success: ip: (after reboot) DHCP off
You can change the hostname to make it more descriptive or to avoid conflicts if ISA3s from multiple
development kits are connected to the same network. To change the hostname, use the admin command
hostname set <hostname>
.
6.4
Using the Admin Interface over USB
1.
Connect the ISA3 to the PC using USB. Only connect one ISA at a time by USB.
2.
Run em3xx_isa.exe with the --admin option.
3.
Configure the ISA3 using the commands described in Chapter 7, InSight Adapter Commands.
6.5
Using the Admin Interface over Ethernet
1.
Connect the ISA3 to the network using Ethernet.
2.
Connect to the admin port on the ISA3 using either InSight Desktop or a terminal application:
•
Connect to the ISA3 using InSight Desktop. Launch the console. Choose the Admin tab
OR
•
Run a terminal application (e.g. Microsoft Telnet Client, HyperTerminal, PuTTY). Connect to port
4902 or 23 on the ISA3.
3.
Configure the ISA3 using the commands described in Chapter 7, InSight Adapter Commands.
6.6
Using the Serial Ports
Connect to port 4900 or 4901 on the InSight Adapter using either InSight Desktop or a terminal application.
Port 4900 connects to the virtual serial port on the EM35x via the InSight Port cable. The virtual serial port has
no baud rate or other settings.
Port 4901 connects to the physical serial port on the EM35x via the Data Emulation Interface (DEI) cable. The
default settings are 115200 baud, 8-n-1 (8 data bits, no parity bit, 1 stop bit). To change the default settings,
use the port admin command. For example, for 19200 baud, 8-n-1, use the command port 1 19200 8-n-1.
6.7
Updating the Firmware
Periodically, Silicon Labs provides updated firmware for the InSight Adapter. You can perform the update using
em3xx_isa.exe or em3xx_load.exe. Both utilities automatically update the firmware to the latest version each
time they run.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com