Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM357-MOD-RF-T Datasheet(PDF) 36 Page - Silicon Laboratories

Part # EM357-MOD-RF-T
Description  EM35x Development Kit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-MOD-RF-T Datasheet(HTML) 36 Page - Silicon Laboratories

Back Button EM357-MOD-RF-T Datasheet HTML 32Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 33Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 34Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 35Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 36Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 37Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 38Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 39Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 40Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
7-2
EM35x Development Kit User Guide
120-4030-000E
Example
button 1 press
7.3.2
config
config
Description
Displays the configuration of the InSight Adapter (ISA3):
•
hostname and static IP settings
•
IP mode (static or DHCP) and current IP settings
•
serial port settings
•
firmware version
•
serial number and Ethernet MAC address
•
type, EUI and board name of the attached EM35x device
You can also view the configuration using InSight Desktop.
7.3.3
help
help
Description
Displays a list of all ISA3 commands.
7.3.4
hostname
hostname set hostname
hostname read
Description
Sets or displays the hostname of the InSight Adapter.
The ISA3 must be reset for a change to take effect.
You can also view the hostname using InSight Desktop.
Example
hostname set mydevice3
7.3.5
ip
ip static ipaddress netmask gateway
ip dhcp [on|off]
Description
Sets the static IP address, netmask and gateway. These are only used when DHCP is turned off.
Turns DHCP on or off.
The ISA3 must be reset for a change to take effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com