Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM357-MOD-RF-T Datasheet(PDF) 35 Page - Silicon Laboratories

Part # EM357-MOD-RF-T
Description  EM35x Development Kit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-MOD-RF-T Datasheet(HTML) 35 Page - Silicon Laboratories

Back Button EM357-MOD-RF-T Datasheet HTML 31Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 32Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 33Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 34Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 35Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 36Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 37Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 38Page - Silicon Laboratories EM357-MOD-RF-T Datasheet HTML 39Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
7-1
EM35x Development Kit User Guide
120-4030-000E
7 InSight Adapter Commands
7.1
Syntax Conventions
Element
Meaning
Example
Literal
A command or argument that is entered exactly as
shown.
hostname read
Variable
An argument that is entered as the desired value for that
variable.
hostname set hostname
[ | ]
An argument chosen from a list.
[on|off]
7.2
Entering Commands
•
Commands can be entered over USB (see Section 6.4, “Using the Admin Interface over USB”) or Ethernet
(see Section 6.5, “Using the Admin Interface over Ethernet”).
•
Commands are not case sensitive.
•
Arguments are separated with a single space.
•
Backspace can be used to correct mistakes.
7.3
Command List
•
button
•
config
•
help
•
hostname
•
ip
•
port
•
power
•
quit
•
reset
•
usbaddr
•
version
7.3.1
button
button [0|1] [press|release]
Description
Simulates button 0 or 1 on the Breakout Board being pressed or released.
The Data Emulation Interface cable must be connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com