Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Y-CONC-R402M-MA8B-2000-A Datasheet(PDF) 9 Page - YAMAHA CORPORATION

Part # Y-CONC-R402M-MA8B-2000-A
Description  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R402M-MA8B-2000-A Datasheet(HTML) 9 Page - YAMAHA CORPORATION

Back Button Y-CONC-R402M-MA8B-2000-A Datasheet HTML 5Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 6Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 7Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 8Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 9Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 10Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 11Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 12Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 13Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Industrial RJ45 Plugs
Description:
RJ45 cable plug, Cat 5 with integrated cable
guide, shielding and cable crimp preventing cable
rotation. Ethernet/customised contact wiring,
with or without power contacts
RJ45 Kabelstecker Cat 5 mit integrierter Kabelführung,
Schirmung und Kabelcrimp, der das Verdrehen des Kabels
verhindert. Ethernet/Kundenspezifische Kontaktverdrahtung
mit oder ohne zusätzliche Kontakte für die Stomversorgung
Material:
Plug body
PBT, UL94V-0
Steckergehäuse
Shielding
Nickel plated brass
Schirmung
Contact
Contact area 30µ”Au over Ni
Kontakte
Specifications:
Operating Temp.: -40°C ~ +120°C
Betriebstemp.
Durability:
1,500 mechanical cycles
Lebensdauer
Current Rating:
2.1A @ 70°C (power contacts)
Bemessungsstrom
Part Number
Signal Contacts
Power Contacts
Y-ConPlug-11
4 (Ethernet)
0
Y-ConPlug-21
4 (Ethernet)
2
Y-ConPlug-31
6
2
Y-ConPlug-41
8
0
Y-ConPlug-51
8
2
Series
Design Number
Y-ConPlug
- * 1
Part Number (Details)
Outline Dimensions
Example:
Y-ConPlug-51
IP20 protective
transport cap for
all Y-Con plugs.
IP20 Transportschutzabdeckung
für alle Y-Con Kabelstecker.
Material:
PE
Colour
Transparent white
Farbe
Specifications:
Operating Temp.: -20°C ~ +80°C
Betriebstemp.
Material:
PA66
Specifications:
Operating Temp.: -20°C ~ +120°C
Betriebstemp.
Description:
IP20 strain relief for use
with all Y-Con plugs.
The cable cage allows
for flexing with the cable
IP20-Zugentlastung für den
Einsatz mit allen Y-Con Kabelsteckern.
Die Manschette der Zugentlastung
unterstützt die Biegeflexibilität
des Kabels
Part No.: Y-ConAS-11
Part No.: Y-ConAS-12
Accessories
Accessories
SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com