Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Y-CONC-R402M-MA8B-2000-A Datasheet(PDF) 32 Page - YAMAHA CORPORATION

Part # Y-CONC-R402M-MA8B-2000-A
Description  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R402M-MA8B-2000-A Datasheet(HTML) 32 Page - YAMAHA CORPORATION

Back Button Y-CONC-R402M-MA8B-2000-A Datasheet HTML 28Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 29Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 30Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 31Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 32Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 33Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 34Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 35Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 36Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER
31
Y-Con + M8 /M12 Series
Part Number (Details)
Y-ConC
- ***
**
-
**
* *
-
****
-
*
Y-ConC
- R40
6P
-
MA
4D
-
2000 -
A
Part Number Example for RJ45 with M8 and M12
RJ45
with 4+0
contacts
Series
IP67
plastic
cover
4 pins
Code D
Cable
length
in mm
Wiring
T568A 1:1
M8 male
shielded
180°
Series
Interface Side 1
R40 = RJ45, 4+0 contacts
R42 = RJ45, 4+2 contacts
R60 = RJ45, 6+0 contacts
R62 = RJ45, 6+2 contacts
R80 = RJ45, 8+0 contacts
R82 = RJ45, 8+2 contacts
Protection side 1
6P = IP67 plastic cover
6M = IP67 metal cover
2S = IP20 strain relief
2L = IP20Lock strain relief
2U = IP20Lock 90° moulded
2M = IP20 metal Cover-20
CU = Customer specific
Interface side 2
MA = M8 male shielded 180°
MB = M8 female shielded 180°
MC = M8 male shielded 90°
MD = M8 female shielded 90°
ME = M12 male shielded 180°
MF = M12 female shielded 180°
MG = M12 male shielded 90°
MH = M12 female shielded 90°
Pin counts 3, 4, 5 and 8
Coding A, B and D
Length in mm
Wiring Plan A = T568A 1:1, B = T568A crossover, C = T568B 1 :1, D = T568B crossover, F = Custom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com