Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Y-CONC-R402M-MA8B-2000-A Datasheet(PDF) 31 Page - YAMAHA CORPORATION

Part # Y-CONC-R402M-MA8B-2000-A
Description  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R402M-MA8B-2000-A Datasheet(HTML) 31 Page - YAMAHA CORPORATION

Back Button Y-CONC-R402M-MA8B-2000-A Datasheet HTML 27Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 28Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 29Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 30Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 31Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 32Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 33Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 34Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 35Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
30
Industrial Ethernet connected to sensors, actuators and encoders by
Y-Con RJ45 - M8/M12 converter cables.
M8/M12 features:
- Male and female versions 90° and 180°, PUR overmolded
- 360° shield for advanced shield connection
- Metal screw with vibration resistant locking
Industrial Ethernet verbunden mit Sensoren, Aktoren und Encodern über
Y-Con RJ45 – M8/M12 Verbindungskabel.
M8/M12 Merkmale:
- Stecker und Buchsen in 90° und 180° Versionen, PUR Umspritzung
- 360° Schirmanbindung für optimale Schirmeigenschaften
- Metallischer Drehverschluss mit vibrationssicherem Mechanismus
Table of available versions for M8 / M12 products
Connector
Type
Cable
Mount
Panel
Mount
Male
Female
90°
180°
Coding
Pin
Count
Shielded
M8
O
O
O
3, 4
O
M8
O
O
O
3, 4
O
M8
O
O
O
3, 4
O
M8
O
O
O
3, 4
O
M12
O
O
O
A
3, 4, 5, 8
O
M12
O
O
O
A
3, 4, 5, 8
O
M12
O
O
O
A
3, 4, 5, 8
O
M12
O
O
O
A
3, 4, 5, 8
O
M12
O
O
O
B, D
3, 4, 5
O
M12
O
O
O
B, D
3, 4, 5
O
M12
O
O
O
B, D
3, 4, 5
O
M12
O
O
O
B, D
3, 4, 5
O
Connector
Type
Cable
Mount
Panel
Mount
Male
Female
90°
180°
Coding
Pin
Count
Shielded
M12
O
O
O
A
3, 4, 5, 8
O
M12
O
O
O
A
3, 4, 5, 8
O
M12
O
O
O
A
3, 4, 5, 8
O
M12
O
O
O
A
3, 4, 5, 8
O
M12
O
O
O
B, D
3, 4, 5
O
M12
O
O
O
B, D
3, 4, 5
O
M12
O
O
O
B, D
3, 4, 5
O
M12
O
O
O
B, D
3, 4, 5
O
Max. cable diameter 8.50 / max. wire thickness 0.54mm2
B-Coding
(INTERBUS and PROFIBUS)
Female
D-Coding
(4 pin Ethernet)
Female
A-Coding
(IEC 60947-2)
Female
1
3
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com