Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Y-CONC-R402M-MA8B-2000-A Datasheet(PDF) 40 Page - YAMAHA CORPORATION

Part # Y-CONC-R402M-MA8B-2000-A
Description  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R402M-MA8B-2000-A Datasheet(HTML) 40 Page - YAMAHA CORPORATION

Back Button Y-CONC-R402M-MA8B-2000-A Datasheet HTML 34Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 35Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 36Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 37Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 38Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 39Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 40Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 41Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 42Page - YAMAHA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER
39
Description:
Universal
mounting flange with an integra-
ted 2C seal (also in the screw area)
to ensure IP6* protection when mounted
with Y-ConCover-10-*
(see page 6 for more details)
Description:
IEEE1394b PCB mounted jack with PCB terminals,
incl. shield connection and fixing for cable straps.
For use with Y-ConIEEE-Adapter-10 and Y-ConFlange-10-*
IEEE1394b Buchse auf PCB mit Leiterplattenklemme inkl.
Schirmanschluss und Bohrung für Kabelbinder.
Für den Einsatz mit Y-ConIEEE-Adapter-10 und Y-ConFlange-10-*
Description:
Y-ConIEEE adapter module for use with
Y-ConFlange-10-* and Y-ConIEEE-PCB-11
Y-ConIEEE Adaptergehäuse für den Einsatz mit
Y-ConFlange-10-* und Y-ConIEEE-PCB-11
Part Number
Colour
Y-ConFlange-10
Blue
Y-ConFlange-10-B
Black
Series
Design Number
No Mark = Blue
B = Black
Y-ConFlange - 10 *
Part Number (Details)
Universeller
Gehäuseflansch mit integrierter
2K-Dichtung (auch im Schraubbereich), damit sind für
Y-ConCover-10-* im montierten Zustand die Schutz-
arten IP6* gewährleistet
Material:
PBT, black UL94V-0
Specifications:
Operating Temp.: -40°C ~ +120°C
Betriebstemp.
Specifications:
Operating Temp.: -10°C ~ +70°C
Betriebstemp.
For futher details please contact Yamaichi
Y-Con IEEE Series
Series
Design Number
Y-ConIEEE - Adapter - 10
Part Number (Details)
Series
Design Number
Y-ConIEEE - PCB-11
Part Number (Details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com