Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT-075 Datasheet(PDF) 4 Page - Analog Devices

Part # MT-075
Description  Differential Drivers for High Speed ADCs Overview
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MT-075 Datasheet(HTML) 4 Page - Analog Devices

  MT-075 Datasheet HTML 1Page - Analog Devices MT-075 Datasheet HTML 2Page - Analog Devices MT-075 Datasheet HTML 3Page - Analog Devices MT-075 Datasheet HTML 4Page - Analog Devices MT-075 Datasheet HTML 5Page - Analog Devices MT-075 Datasheet HTML 6Page - Analog Devices MT-075 Datasheet HTML 7Page - Analog Devices MT-075 Datasheet HTML 8Page - Analog Devices MT-075 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MT-075
In the case of a single-ended input signal (for example, if VIN– is grounded, and the input signal
is applied to VIN+), the input impedance becomes:
()
+
×
=
F
G
F
G
sem
,
IN
R
R
2
R
1
R
R
Eq. 6
The circuit's single-ended input impedance is effectively higher than it would be for a
conventional op amp connected as an inverter, because a fraction of the differential output
voltage appears at the inputs as a common-mode signal, partially bootstrapping the voltage
across the input resistor RG.
Figure 3 shows some of the possible configurations for the AD813x differential amplifier. Figure
3A is the standard configuration which utilizes two feedback networks, characterized by
feedback factors β1 and β2, respectively. Note that each feedback factor can vary anywhere
between 0 and 1.
RG1 + RF1
+
RF1
RG1
RF2
RG2
(A)
β1 =
G =
2 (1 –
β1)
β1 + β2
RG1
RG2 + RF2
β2 =
RG2
+
RF2
RG2
+
RF1
RG1
(B)
(D)
VOCM
VOCM
+
+
RF1
RG1
(C)
(E)
VOCM
VOCM
β1 = 0
β2 = 1
β1 = 0
β2 = 1
β2 = 0
VOCM
V+
V+
V+
V+
V+
V–
V–
V–
V–
V–
VOUT–
VOUT+
VOUT–
VOUT+
VOUT–
VOUT+
VOUT–
VOUT+
VOUT–
VOUT+
Figure 3: Some Configurations for Differential Amplifiers
Figure 3B shows a configuration where there is no feedback from VOUT– to V+, i.e., β1 = 0. In
this case, β2 determines the amount of VOUT+ that is fed back to V–, and the circuit is similar to a
non-inverting op amp configuration, except for the presence of the additional complementary
output. Therefore, the overall gain is twice that of a non-inverting op amp, or 2
× (1 + RF2/RG2),
or 2
× (1/β2).
Page 4 of 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com