Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT-075 Datasheet(PDF) 6 Page - Analog Devices

Part # MT-075
Description  Differential Drivers for High Speed ADCs Overview
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MT-075 Datasheet(HTML) 6 Page - Analog Devices

  MT-075 Datasheet HTML 1Page - Analog Devices MT-075 Datasheet HTML 2Page - Analog Devices MT-075 Datasheet HTML 3Page - Analog Devices MT-075 Datasheet HTML 4Page - Analog Devices MT-075 Datasheet HTML 5Page - Analog Devices MT-075 Datasheet HTML 6Page - Analog Devices MT-075 Datasheet HTML 7Page - Analog Devices MT-075 Datasheet HTML 8Page - Analog Devices MT-075 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MT-075
stages (GM1), and negative feedback is applied to the other (GM2) as in a traditional op amp. The
gain is equal to 1 + R2/R1. The GM1 stage therefore provides a truly balanced input for the
terminated twisted pair for the best common-mode rejection.
A number of triple drivers are available for driving RGB signals over CAT-5 cable such as the
AD8133, AD8134, AD8146, AD8147, AD8148.
Corresponding triple receivers are also available, including the AD8143 and AD8145. The
AD8123 (Triple) and AD8128 (Single) receivers also include adjustable line equalization.
APPLICATION EXAMPLE: ADA4937-1 DIFFERENTIAL AMPLIFIER DRIVING
AD6645 14-bit 80/105MSPS ADC
The AD813x and ADA493x family of differential drivers are suitable for use in dc or ac coupled
applications with voltage gains of 1 to 4 (0 dB to 12 dB) and frequencies up to about 100 MHz
(depending on the particular member of the family). They are especially useful as low distortion
dc-coupled single-ended to differential converters for driving differential input ADCs. The VOCM
feature can be used to level shift bipolar signals to match the common-mode input voltage of the
ADC. Details of the circuit analysis of dc drivers and selection of resistor values is given in MT-
xxx. The ADIsimDiffAmp design tool, is also available to facilitate these designs.
The ADA4937-1 is one of the latest in the series of differential amplifiers and is optimized for
operation on a single +5 V supply. Figure 5 shows it is used as a level shifter to drive the
AD6645 14-bit 80/105 MSPS ADC. (The ADA4939-1 is a similar part optimized for voltage
gains ≥ 2).
103
×10–6
+
AD6645
14-BIT ADC
A
IN–
AIN+
V
IN
+155mV
± 1.1V
61.5
Ω
200
Ω
207
Ω
207
Ω
228
Ω
24.9
Ω
24.9
Ω
+2.4V
V
OCM
ADA4937-1
0.1µF
0.1µF
0.1µF
+1.3V + / – 0.275V
+2.4V – / + 0.55V
+2.4V + / – 0.55V
2.2V p-p
Differential
Input Span
+5V
f
s =
80/105MSPS
VREF
5nV/
√Hz 1.57×270×106 = 103µV rms
AD6645 SPECS:
INPUT BW = 270MHz
1 LSB = 134µV
SNR = 75dB
5nV/
√Hz
OUTPUT NOISE =
OUTPUT SNR = 20 log
0.778
= 77.6dB
+5V
C
~
50
Ω
±2.2V
Figure 5: ADA4937-1 Driving AD6645 in +5 V DC-Coupled Application
Page 6 of 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com