Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT-075 Datasheet(PDF) 5 Page - Analog Devices

Part # MT-075
Description  Differential Drivers for High Speed ADCs Overview
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MT-075 Datasheet(HTML) 5 Page - Analog Devices

  MT-075 Datasheet HTML 1Page - Analog Devices MT-075 Datasheet HTML 2Page - Analog Devices MT-075 Datasheet HTML 3Page - Analog Devices MT-075 Datasheet HTML 4Page - Analog Devices MT-075 Datasheet HTML 5Page - Analog Devices MT-075 Datasheet HTML 6Page - Analog Devices MT-075 Datasheet HTML 7Page - Analog Devices MT-075 Datasheet HTML 8Page - Analog Devices MT-075 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MT-075
Figure 3C shows a circuit where β1 = 0 and β2 = 1. This circuit is essentially provides a
resistorless gain of 2.
Figure 3D shows a circuit where β2 = 1, and β1 is determined by RF1 and RG1. The gain of this
circuit is always less than 2.
Finally, the circuit of Figure 3E has β2 = 0, and is very similar to a conventional inverting op
amp, except for the additional complementary output at VOUT+.
DIFFERENTIAL DRIVER/RECEIVER APPLICATIONS
The AD813x/ADA493x-series are also well suited to balanced differential line driving as shown
in Figure 4 where the AD8132 drives a 100-
Ω twisted pair cable. The AD8132 is configured as a
gain of 2 driver to account for the factor of 2 loss due to the source and load terminated cable. In
this configuration, the bandwidth of the AD8132 is approximately 160 MHz.
+
VIN
49.9 Ω
499Ω
1k
Ω
1kΩ
523 Ω
49.9Ω
49.9Ω
VOCM
AD8132
0.1µF
FROM 50 Ω
SOURCE
+5V
–5V
GM1
G
M2
100
Ω
0.1µF
+
+
0.1µF
0.1µF
+5V
–5V
100
Ω
TWISTED
PAIR
AD8130
A = 1
VOUT
GROUND 1
GROUND 2
V
n
+
i1
i2
R2
R1
Gain = 1 +
R2
R1
Figure 4: High Speed Differential Line Driver,
Line Receiver Applications
The line receiver is an AD8130 differential receiver which has a unique architecture called
"active
feedback"
to
achieve
approximately
70
dB
common-mode
rejection
at
10 MHz. For a gain of 1, the AD8130 has a 3 dB bandwidth of approximately 270 MHz.
The AD8130 utilizes two identical input transconductance (gm) stages whose output currents are
summed together at a high impedance node and then buffered to the output. The output currents
of the two gm stages must be equal but opposite in sign, therefore, the respective input voltages
must also be equal but opposite in sign. The differential input signal is applied to one of the
Page 5 of 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com