Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT-075 Datasheet(PDF) 3 Page - Analog Devices

Part # MT-075
Description  Differential Drivers for High Speed ADCs Overview
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MT-075 Datasheet(HTML) 3 Page - Analog Devices

  MT-075 Datasheet HTML 1Page - Analog Devices MT-075 Datasheet HTML 2Page - Analog Devices MT-075 Datasheet HTML 3Page - Analog Devices MT-075 Datasheet HTML 4Page - Analog Devices MT-075 Datasheet HTML 5Page - Analog Devices MT-075 Datasheet HTML 6Page - Analog Devices MT-075 Datasheet HTML 7Page - Analog Devices MT-075 Datasheet HTML 8Page - Analog Devices MT-075 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MT-075
~
RF
RG
RG
VOUT–
VOUT+
+
GAIN =
RF
RG
VIN+
VIN–
VOCM
RF
i = 0
i = 0
V+
V–
V+ = V–
VOCM
VOCM
+ and – input currents are zero
+ and – input voltages are equal
Output voltages are 180° out of phase and symmetrical about VOCM
Gain = RF/RG
VOUT+ –VOUT–
VIN+ –VIN–
=
Figure 2: Analyzing Voltage Levels in Differential Amplifiers
Even if the external feedback networks (RF/RG) are mismatched, the internal common-mode
feedback loop will still force the outputs to remain balanced. The amplitudes of the signals at
each output will remain equal and 180° out of phase. The input-to-output differential-mode gain
will vary proportionately to the feedback mismatch, but the output balance will be unaffected.
Ratio matching errors in the external resistors will result in a degradation of the circuit's ability
to reject input common-mode signals, much the same as for a four-resistor difference amplifier
made from a conventional op amp.
Also, if the dc levels of the input and output common-mode voltages are different, matching
errors will result in a small differential-mode output offset voltage. For the G = 1 case with a
ground-referenced input signal and the output common-mode level set for 2.5 V, an output offset
of as much as 25 mV (1% of the difference in common-mode levels) can result if 1% tolerance
resistors are used. Resistors of 1% tolerance will result in a worst case input CMR of about 40
dB, worst case differential mode output offset of 25 mV due to 2.5 V level-shift, and no
significant degradation in output balance error.
The effective input impedance of a circuit, such as the one in Figure 2, at VIN+ and VIN– will
depend on whether the amplifier is being driven by a single-ended or differential signal source.
For balanced differential input signals, the input impedance (RIN,dm) between the inputs ( VIN+
and VIN–) is simply:
RIN,dm = 2 × RG
Eq. 5
Page 3 of 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com