Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPIRIT1 Datasheet(PDF) 58 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 54Page - STMicroelectronics SPIRIT1 Datasheet HTML 55Page - STMicroelectronics SPIRIT1 Datasheet HTML 56Page - STMicroelectronics SPIRIT1 Datasheet HTML 57Page - STMicroelectronics SPIRIT1 Datasheet HTML 58Page - STMicroelectronics SPIRIT1 Datasheet HTML 59Page - STMicroelectronics SPIRIT1 Datasheet HTML 60Page - STMicroelectronics SPIRIT1 Datasheet HTML 61Page - STMicroelectronics SPIRIT1 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 94 page
background image
Transmission and reception
SPIRIT1
58/94
Doc ID 022758 Rev 3
On the transmitter, the payload length is always set as: PCKTLEN1 × 256 + PCKTLEN0.
On the receiver, if the field FIX_VAR_LEN of PCKTCTRL2 register is set to 1, the payload
length is directly extracted from the received packet itself; if FIX_VAR_LEN is set to 0, the
payload length is controlled by the PCKTLEN0 and PCKTLEN1 registers as the transmitter.
Furthermore, in variable length mode, the width of the binary field transmitted, where the
actual length of payload is written, must be configured through the field LEN_WIDTH of the
PCKTCTRL3 register according to the maximum length expected in the specific application.
Example 1
If the variable payload length is from 0 to 31 bytes, then LEN_WIDTH = 5
If the variable payload length is from 0 to 255 bytes, then LEN_WIDTH = 8
If the variable payload length is from 0 to 65535 bytes, then LEN_WIDTH = 16.
CRC (programmable/optional field): There are different polynomials CRC: 8 bits, 16 bits (2
polynomials are available) and 24 bits. When the CRC automatic filtering is enabled, the
received packet is discarded automatically when the CRC check fails.
9.7.4
Automatic packet filtering
The following filtering criteria to automatically reject a received packet are supported:
CRC filtering
Destination address filtering
Source address filtering
Control field filtering.
Packet filtering is enabled by the AUTO_PCKT_FLT field of the PROTOCOL register and the
filtering criteria can be controlled by the PCK_FLT_OPT and PCK_FLT_GOALS registers.
Each filtering option works on the correct packet format according to Table 30.
CRC: the received packet is discarded if CRC is not passed. To enable this automatic
filtering feature the bit field CRC_CHECK of the PCK_FLT_OPT register must be set.
Destination address: this automatic filtering feature works on my address, broadcast
address and/or multicast address of the receiver.
Destination vs. my address: the received packet is discarded if the destination
address received does not match the programmed my address of the receiver. My
address can be programmed for the receiver in the TX_SOURCE_ADDR register.
To enable this automatic filtering option the bitfield DEST_VS_SOURCE_ADDR of
the PCKT_FLT_OPTIONS register must be set.
Destination vs. broadcast address: the received packet is discarded if the
destination address received does not match the programmed broadcast address
of the receiver. The broadcast address can be programmed for the receiver in the
BROADCAST register. To enable this automatic filtering option the bitfield
DEST_VS_BROADCAST_ADDR of the PCKT_FLT_OPTIONS register must be
set.
Destination vs. multicast address: the received packet is discarded if the
destination address received does not match the programmed multicast address
of the receiver. The multicast address can be programmed for the receiver in the
MULTICAST register. To enable this automatic filtering option the bitfield
DEST_VS_MULTICAST_ADDR of the PCKT_FLT_OPTIONS register must be
set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com