Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPIRIT1 Datasheet(PDF) 59 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 55Page - STMicroelectronics SPIRIT1 Datasheet HTML 56Page - STMicroelectronics SPIRIT1 Datasheet HTML 57Page - STMicroelectronics SPIRIT1 Datasheet HTML 58Page - STMicroelectronics SPIRIT1 Datasheet HTML 59Page - STMicroelectronics SPIRIT1 Datasheet HTML 60Page - STMicroelectronics SPIRIT1 Datasheet HTML 61Page - STMicroelectronics SPIRIT1 Datasheet HTML 62Page - STMicroelectronics SPIRIT1 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 94 page
background image
SPIRIT1
Transmission and reception
Doc ID 022758 Rev 3
59/94
More than one automatic filtering option can be enabled at the same time.
Source address: the received packet is discarded if the source address received does not
match the programmed source address reference through the source mask address (the
reference value used for the comparison is the reference one in AND bitwise with the source
mask). The source address reference can be programmed for the receiver in the
RX_SOURCE_ADDR register and the source address mask in the RX_SOURCE_MASK
register. To enable this automatic filtering option the bitfield SOURCE_FILTERING of the
PCKT_FLT_OPTIONS register must be set.
Control: the received packet is discarded if the control field received does not match the
programmed control reference through the control mask (the reference value used for the
comparison is the reference one in AND bitwise with the control mask). The control
reference can be programmed for the receiver in the CONTROLx_FIELD registers and the
control field mask in the CONTROLx_MASK registers. To enable this automatic filtering
option the bitfield CONTROL_FILTERING of the PCKT_FLT_OPTIONS register must be
set.
When a filtering mechanism is enabled the packet is signaled to the MCU only if the check is
positive, otherwise the packet is automatically discarded.
9.7.5
Link layer protocol
SPIRIT1 has an embedded auto-ACK and auto-retransmission available through the STack
packet format.
Automatic acknowledgment
Automatic acknowledgment is enabled on the receiver by setting the bitfield AUTO_ACK of
the PROTOCOL register. In this way, after the receiver receives a packet with success, it
sends an ACK packet only if the NO_ACK bit of the received packet is 1. This gives an
opportunity for the transmitter to tell the receiver if the packet sent must be acknowledged or
not. The ACK request can be put in the packet (NO_ACK packet's bitfield at 1) by setting the
NACK_TX field of the PROTOCOL[2] register.
If the ACK request is ON (NO_ACK packet's bitfield at 1), the transmitter stays in RX state to
receive an ACK packet until the RX timeout, programmed with the
RX_TIMEOUT_PRESCALER and RX_TIMEOUT_COUNTER, expires.
Table 30.
Packet configuration
STack
MBUS
Basic
Destination address filtering
Optional
No
Optional
Broadcast and multicast
addressing
Optional
No
Optional
Source address filtering
Optional
No
No
Custom filtering
Optional
No
Optional
CRC filtering
Optional
No
Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com