Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPIRIT1 Datasheet(PDF) 87 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 83Page - STMicroelectronics SPIRIT1 Datasheet HTML 84Page - STMicroelectronics SPIRIT1 Datasheet HTML 85Page - STMicroelectronics SPIRIT1 Datasheet HTML 86Page - STMicroelectronics SPIRIT1 Datasheet HTML 87Page - STMicroelectronics SPIRIT1 Datasheet HTML 88Page - STMicroelectronics SPIRIT1 Datasheet HTML 89Page - STMicroelectronics SPIRIT1 Datasheet HTML 90Page - STMicroelectronics SPIRIT1 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 94 page
background image
SPIRIT1
Register table
Doc ID 022758 Rev 3
87/94
Table 41.
Frequently used registers
Register name
Address
Bit
Field Name
Reset
R/W
Description
CHNUM
0x6C
7:0
CH_NUM
0
R/W
Channel number. This value is
multiplied by the channel
spacing and added to the
synthesizer base frequency to
generate the actual RF carrier
frequency. See Equation 1
VCO_CONFIG
0xA1
7:6
Reserved
00
R/W
5:0
VCO_GEN_CURR
010001
Set the VCO current
RCO_VCO_CALIBR_IN
[2]
0x6D
7:4
RWT_IN[3:0]
0111
R/W
RWT word value for the RCO
3:0
RFB_IN[4:1]
0000
RFB word value for the RCO
RCO_VCO_CALIBR_IN
[1]
0x6E
7
RFB_IN[0]
0
R/W
6:0
VCO_CALIBR_TX[6:
0]
10010
00
Word value for the VCO to be
used in TX mode
RCO_VCO_CALIBR_IN
[0]
0x6F
7
Reserved
0
R/W
6:0
VCO_CALIBR_RX[6:
0]
10010
00
Word value for the VCO to be
used in RX mode
AES_KEY_IN[15]
0x70
7:0
AES_KEY15
0
R/W AES engine key input (128 bits)
AES_KEY_IN[14]
0x71
7:0
AES_ KEY14
0
R/W AES engine key input (128 bits)
…7:0
AES_KEY_IN[1]
0x7E
7:0
AES_ KEY1
0
R/W AES engine key input (128 bits)
AES_KEY_IN[0]
0x7F
7:0
AES_ KEY0
0
R/W AES engine key input (128 bits)
AES_DATA_IN[15]
0x80
7:0
AES_IN15
0
R/W
AES engine data input (128
bits)
AES_DATA_IN[14]
0x81
7:0
AES_IN14
0
R/W
AES engine data input (128
bits)
……
AES_DATA_IN[1]
0x8E
7:0
AES_IN1
0
R/W
AES engine data input (128
bits)
AES_DATA_IN[0]
0x8F
7:0
AES_IN0
0
R/W
AES engine data input (128
bits)
IRQ_MASK[3]
0x90
7:0
INT_MASKT[31:24]
0
R/W
The IRQ mask register to route
the IRQ information to a GPIO.
See Table 12.
IRQ_MASK[2]
0x91
7:0
INT_MASK [23:16]
0
R/W
The IRQ mask register to route
the IRQ information to a GPIO.
See Table 12.
IRQ_MASK[1]
0x92
7:0
INT_MASK[15:8]
0
R/W
The IRQ mask register to route
the IRQ information to a GPIO.
See Table 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com