Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPIRIT1 Datasheet(PDF) 73 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 69Page - STMicroelectronics SPIRIT1 Datasheet HTML 70Page - STMicroelectronics SPIRIT1 Datasheet HTML 71Page - STMicroelectronics SPIRIT1 Datasheet HTML 72Page - STMicroelectronics SPIRIT1 Datasheet HTML 73Page - STMicroelectronics SPIRIT1 Datasheet HTML 74Page - STMicroelectronics SPIRIT1 Datasheet HTML 75Page - STMicroelectronics SPIRIT1 Datasheet HTML 76Page - STMicroelectronics SPIRIT1 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 94 page
background image
SPIRIT1
Register table
Doc ID 022758 Rev 3
73/94
11
Register table
This section describes all the registers used to configure the SPIRIT1. The description is
structured in sections according to the register usage.
SPIRIT1 has three types of registers:
Read and write (R/W), which can be completely managed by SPI using READ and
WRITE operations
Read-only (R)
Read-and-reset (RR), is automatically cleared after a READ operation.
A further category of special registers collects the ones which cannot be categorized in any
of the three mentioned above R/W, R, or RR.
The fields named as “Reserved” must not be overridden by the user, otherwise, behavior is
not guaranteed.
The memory map is shown in the following table:
Table 37.
General configuration registers
Register
Address
Bit
Field name
Reset
R/W
Description
ANA_FUNC_CONF[1]
0x00
7:5
Reserved
000
R/W
4:2
GM_CONF[2:0]
011
Sets the driver gm of the XO at
startup
1:0
SET_BLD_LVL[1:0]
00
Sets the BLD threshold
00: 2.7 V
01: 2.5 V
10: 2.3 V
11: 2.1 V
ANA_FUNC_CONF[0]
0x01
7
Reserved
1
R/W
6
24_26MHz_SELECT
1
1: 26 MHz configuration
0: 24 MHz configuration
(impact only RCO calibration
reference and loop filter tuning)
5
AES_ON
0
1: AES engine enabled
4
EXT_REF
0
0: reference signal from XO
circuit
1: reference signal from XIN
pin
3
Reserved
0
2BROWN_OUT
0
1: enables accurate brownout
detection
1
BATTERY_LEVEL
0
1: enables battery level
detector circuit
0TS
0
1: enables the “temperature
sensor” function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com