Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564B74L8 Datasheet(PDF) 56 Page - STMicroelectronics

Part # SPC564B74L8
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564B74L8 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button SPC564B74L8 Datasheet HTML 52Page - STMicroelectronics SPC564B74L8 Datasheet HTML 53Page - STMicroelectronics SPC564B74L8 Datasheet HTML 54Page - STMicroelectronics SPC564B74L8 Datasheet HTML 55Page - STMicroelectronics SPC564B74L8 Datasheet HTML 56Page - STMicroelectronics SPC564B74L8 Datasheet HTML 57Page - STMicroelectronics SPC564B74L8 Datasheet HTML 58Page - STMicroelectronics SPC564B74L8 Datasheet HTML 59Page - STMicroelectronics SPC564B74L8 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 118 page
background image
Electrical Characteristics
SPC564Bxx - SPC56ECxx
56/118
Doc ID 17478 Rev 4
4.6.3
I/O output DC characteristics
The following tables provide DC characteristics for bidirectional pads:
●
Table 15 provides weak pull figures. Both pull-up and pull-down resistances are
supported.
●
Table 16 provides output driver characteristics for I/O pads when in SLOW
configuration.
●
Table 17 provides output driver characteristics for I/O pads when in MEDIUM
configuration.
●
Table 18 provides output driver characteristics for I/O pads when in FAST configuration.
Table 14.
I/O input DC electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value(2)
Unit
Min
Typ
Max
VIH
SR P
Input high level CMOS (Schmitt
Trigger)
—0.65VDD
—VDD +0.4
V
VIL
SR P
Input low level CMOS (Schmitt
Trigger)
—
−0.3
—
0.35VDD
VHYS CC C
Input hysteresis CMOS (Schmitt
Trigger)
—0.1VDD
——
ILKG CC
P
Digital input leakage
No injection
on adjacent
pin
TA = −40 °C
—
2
—
nA
PTA = 25 °C
—
2
—
DTA = 105 °C
—
12
500
PTA = 125 °C
—
70
1000
WFI
SR P
Width of input pulse rejected by
analog filter(3)
——
—
40(4)
ns
WNFI SR P
Width of input pulse accepted by
analog filter(3)
—
1000(4)
——
ns
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
2.
VDD as mentioned in the table is VDD_HV_A/VDD_HV_B. All values need to be confirmed during device validation.
3.
Analog filters are available on all wakeup lines.
4.
The width of input pulse in between 40 ns to 1000 ns is indeterminate. It may pass the noise or may not depending on
silicon sample to sample variation.
Table 15.
I/O pull-up/pull-down DC electrical characteristics
Symbol
C
Parameter
Conditions(1),(2)
Value
Unit
Min
Typ
Max
|IWPU|CC
P
Weak pull-up
current absolute
value
VIN = VIL, VDD =
5.0 V ± 10%
PAD3V5V = 0
10
—
150
µA
C
PAD3V5V =
1(3)
10
—
250
P
VIN = VIL, VDD =
3.3 V ± 10%
PAD3V5V = 1
10
—
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com