Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564B74L8 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPC564B74L8
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564B74L8 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPC564B74L8 Datasheet HTML 6Page - STMicroelectronics SPC564B74L8 Datasheet HTML 7Page - STMicroelectronics SPC564B74L8 Datasheet HTML 8Page - STMicroelectronics SPC564B74L8 Datasheet HTML 9Page - STMicroelectronics SPC564B74L8 Datasheet HTML 10Page - STMicroelectronics SPC564B74L8 Datasheet HTML 11Page - STMicroelectronics SPC564B74L8 Datasheet HTML 12Page - STMicroelectronics SPC564B74L8 Datasheet HTML 13Page - STMicroelectronics SPC564B74L8 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 118 page
background image
FlexRay
Yes
STCU(11)
Yes
Ethernet
No
Yes
No
Yes
No
Yes
I2C
1
32 kHz oscillator (SXOSC)
Yes
GPIO(12)
147
177
147
177
199
147
177
147
177
199
147
177
147
177
199
Debug
JTAG
Nexus3
+
JTAG
Nexus
3+
JTAG
Nexus
3+
Cryptographic Services
Engine (CSE)
Optional
1.
Feature set dependent on selected peripheral multiplexing; table shows example.
2.
Based on 125
°C ambient operating temperature and subject to full device characterisation.
3.
The e200z0h can run at speeds up to 80 MHz. However, if system frequency is >80 MHz (e.g., e200z4d running at 120 MHz) the e200z0h needs to run at 1/2 system
frequency. There is a configurable e200z0 system clock divider for this purpose.
4.
DMAMUX also included that allows for software selection of 32 out of a possible 57 sources.
5.
Not shared with 12-bit ADC, but possibly shared with other alternate functions.
6.
There are 23 dedicated ANS plus 4 dedicated ANX channels on LQPF176. For higher pin count packages, there are 29 dedicated ANS plus 4 dedicated ANX channels.
7.
16x precision channels (ANP) and 3x standard (ANS).
8.
Not shared with 10-bit ADC, but possibly shared with other alternate functions.
9.
As a minimum, all timer channels can function as PWM or Input Capture and Output Control. Refer to the eMIOS section of the device reference manual for information on
the channel configuration and functions.
10. CAN Sampler also included that allows ID of CAN message to be captured when in low power mode.
11. STCU controls MBIST activation and reporting.
12. Estimated I/O count for proposed packages based on multiplexing with peripherals.
Table 2.
SPC564Bxx and SPC56ECxx family comparison(1) (continued)
Feature
SPC564B64
SPC56EC64
SPC564B70
SPC56EC70
SPC564B74
SPC56EC74
Package
LQFP
176
LQFP
208
LQFP
176
LQFP
208
BGA
256
LQFP1
76
LQFP
208
LQFP
176
LQFP
208
BGA
256
LQFP
176
LQFP
208
LQFP
176
LQFP
208
BGA
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com