Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564B74L8 Datasheet(PDF) 91 Page - STMicroelectronics

Part # SPC564B74L8
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564B74L8 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button SPC564B74L8 Datasheet HTML 87Page - STMicroelectronics SPC564B74L8 Datasheet HTML 88Page - STMicroelectronics SPC564B74L8 Datasheet HTML 89Page - STMicroelectronics SPC564B74L8 Datasheet HTML 90Page - STMicroelectronics SPC564B74L8 Datasheet HTML 91Page - STMicroelectronics SPC564B74L8 Datasheet HTML 92Page - STMicroelectronics SPC564B74L8 Datasheet HTML 93Page - STMicroelectronics SPC564B74L8 Datasheet HTML 94Page - STMicroelectronics SPC564B74L8 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 118 page
background image
SPC564Bxx - SPC56ECxx
Electrical Characteristics
Doc ID 17478 Rev 4
91/118
RSW1
CC
Internal resistance
of analog source
—1
k
Ω
RSW2
CC
Internal resistance
of analog source
—2
k
Ω
RAD
CC
Internal resistance
of analog source
—0.3
k
Ω
IINJ
SR
Input current
Injection
Current
injection
on one
ADC_1
input,
different
from the
converted
one
VDD = 3.3
V ± 10%
−5—
5
mA
VDD = 5.0
V ± 10%
−5—
5
INLP
CC
Absolute Integral
non-linearity-
Precise channels
No overload
1
3
LSB
INLS
CC
Absolute Integral
non-linearity-
Standard channels
No overload
1.5
5
LSB
DNL
CC
Absolute
Differential non-
linearity
No overload
0.5
1
LSB
OFS
CC
Absolute Offset
error
—2
LSB
GNE
CC
Absolute Gain
error
—2
LSB
TUEP(9)
CC
Total Unadjusted
Error for precise
channels, input
only pins
Without current
injection
−66
With current injection
−88
TUES(9)
CC
Total Unadjusted
Error for standard
channel
Without current
injection
−10
10
LSB
With current injection
−12
12
LSB
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
2.
Analog and digital VSS_HV must be common (to be tied together externally).
3.
PA3, PA7, PA10, PA11 and PE12 ADC_1 channels are coming from VDD_HV_B domain hence VDD_HV_ADC1 should be
within ±100 mV of VDD_HV_B when these channels are used for ADC_1.
4.
VDD_HV_ADC1 can operate at 5V condition while VDD_HV_B can operate at 3.3V provided that ADC_1 channels coming
from VDD_HV_B domain are limited in max swing as VDD_HV_B.
Table 44.
Conversion characteristics (12-bit ADC_1) (continued)
Symbol
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com