Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564B74L8 Datasheet(PDF) 71 Page - STMicroelectronics

Part # SPC564B74L8
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564B74L8 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button SPC564B74L8 Datasheet HTML 67Page - STMicroelectronics SPC564B74L8 Datasheet HTML 68Page - STMicroelectronics SPC564B74L8 Datasheet HTML 69Page - STMicroelectronics SPC564B74L8 Datasheet HTML 70Page - STMicroelectronics SPC564B74L8 Datasheet HTML 71Page - STMicroelectronics SPC564B74L8 Datasheet HTML 72Page - STMicroelectronics SPC564B74L8 Datasheet HTML 73Page - STMicroelectronics SPC564B74L8 Datasheet HTML 74Page - STMicroelectronics SPC564B74L8 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 118 page
background image
SPC564Bxx - SPC56ECxx
Electrical Characteristics
Doc ID 17478 Rev 4
71/118
4.10.2
Flash memory power supply DC characteristics
Table 30 shows the flash memory power supply DC characteristics on external supply.
Table 29.
Flash memory read access timing
Symbol
C
Parameter
Conditions(1)
Max
Unit
Code flash
memory
Data flash
memory
fREAD
CC
P
Maximum frequency for Flash
reading
5 wait states
13 wait states
120
+ 2%
MHz
C
3 wait state
9 wait state
80
+ 2%
D3 wait states(2)
—
64
+ 2%
C
—
7 wait states
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
2.
Wait states are subject to change per device characterization.
Table 30.
Flash memory power supply DC electrical characteristics
Symbol
Parameter
Conditions(1)
Value(2)
Unit
Min
Typ Max
ICFREAD
(3)
CC
Sum of the current consumption
on VDD_HV_A on read access
Flash memory module read
fCPU = 120 MHz + 2%
(4)
Code flash
memory
33
mA
IDFREAD
(3)
Data flash
memory
13
ICFMOD
(3)
CC
Sum of the current consumption
on VDD_HV_A (program/erase)
Program/Erase on-going
while reading flash memory
registers
fCPU = 120 MHz + 2%
(4)
Code flash
memory
52
mA
IDFMOD
(3)
Data flash
memory
13
ICFLPW
(3)
CC
Sum of the current consumption
on VDD_HV_A during flash
memory low power mode
Code flash
memory
1.1
mA
ICFPWD
(3)
CC
Sum of the current consumption
on VDD_HV_A during flash
memory power down mode
Code flash
memory
150
µA
IDFPWD
(3)
Data flash
memory
150
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = –40 to 125 °C, unless otherwise specified.
2.
All values need to be confirmed during device validation.
3.
Data based on characterization results, not tested in production.
4.
fCPU 120 MHz + 2% can be achieved over full temperature 125 °C ambient, 150 °C junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com