Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280 Datasheet(PDF) 168 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 168 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 164Page - STMicroelectronics ST10F280_12 Datasheet HTML 165Page - STMicroelectronics ST10F280_12 Datasheet HTML 166Page - STMicroelectronics ST10F280_12 Datasheet HTML 167Page - STMicroelectronics ST10F280_12 Datasheet HTML 168Page - STMicroelectronics ST10F280_12 Datasheet HTML 169Page - STMicroelectronics ST10F280_12 Datasheet HTML 170Page - STMicroelectronics ST10F280_12 Datasheet HTML 171Page - STMicroelectronics ST10F280_12 Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 239 page
background image
CAN modules
ST10F280
168/239
Doc ID 8673 Rev. 3
15.6
Arbitration Registers
The arbitration Registers are used for acceptance filtering of incoming messages and to
define the identifier of outgoing messages.
Upper Arbitration Reg
Address:
0xEFn2h / EEn2h XReg
Reset:
0xUUUUh
Type:
R/W
Lower Arbitration Reg
Address:
0xEFn4h / EEn4h XReg
Reset:
0xUUUUh
Type:
R, R/W
3.
When the CPU requests the transmission of a receive-object, a remote frame will be sent instead of a data
frame to request a remote node to send the corresponding data frame. This bit will be cleared by the CAN
controller along with bit RMTPND when the message has been successfully transmitted, if bit NEWDAT
has not been set. If there are several valid message objects with pending transmission request, the
message with the lowest message number is transmitted first.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ID20...18
ID17...13
ID28...21
R/W
R/W
R/W
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ID4...0
0
0
0
ID12...5
R/W
R
R
R
R/W
ID28...0 Identifier (29 bit) Identifier of a standard message (ID28...18) or an extended
message (ID28...0). For standard identifiers bit ID17...0 are “don’t care”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com