Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280 Datasheet(PDF) 172 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 172 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 168Page - STMicroelectronics ST10F280_12 Datasheet HTML 169Page - STMicroelectronics ST10F280_12 Datasheet HTML 170Page - STMicroelectronics ST10F280_12 Datasheet HTML 171Page - STMicroelectronics ST10F280_12 Datasheet HTML 172Page - STMicroelectronics ST10F280_12 Datasheet HTML 173Page - STMicroelectronics ST10F280_12 Datasheet HTML 174Page - STMicroelectronics ST10F280_12 Datasheet HTML 175Page - STMicroelectronics ST10F280_12 Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 239 page
background image
System reset
ST10F280
172/239
Doc ID 8673 Rev. 3
Figure 65.
Asynchronous reset timing
Note:
1. RSTIN rising edge to internal latch of PORT0 is 3 CPU clock cycles (6 TCL) if the PLL is
bypassed and the prescaler is on (fCPU =fXTAL / 2), else it is 4 CPU clock cycles (8 TCL) .
17.2
Synchronous reset (warm reset)
A synchronous reset is triggered when RSTIN pin is pulled low while RPD pin is at high
level. In order to properly activate the internal reset logic of the MCU, the RSTIN pin must be
held low, at least, during 4 TCL (2 periods of CPU clock). The I/O pins are set to high
impedance and RSTOUT pin is driven low. After RSTIN level is detected, a short duration of
12 TCL (approximately 6 periods of CPU clock) elapes, during which pending internal hold
states are cancelled and the current internal access cycle if any is completed. External bus
cycle is aborted. The internal pull-down of RSTIN pin is activated if bit BDRSTEN of
SYSCON register was previously set by software. This bit is always cleared on power-on or
after a reset sequence.
17.2.1
Exit of synchronous reset state
The internal reset sequence starts for 1024 TCL (512 periods of CPU clock) and RSTIN pin
level is sampled. The reset sequence is extended until RSTIN level becomes high. Then, the
MCU restarts. The system configuration is latched from PORT0 and ALE, RD and R/W pins
are driven to their inactive level. The MCU starts program execution from memory location
00'0000h in code segment 0. This starting location will typically point to the general
initialization routine. Timing of synchronous reset sequence are summarized in Figure 66
and Figure 67.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com