Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8533ECSN/R Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8533ECSN/R
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8533ECSN/R Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8533ECSN/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
Production Data
WM8533
w
PD, July 2012, Rev 4.0
7
TERMINOLOGY
1.
Signal-to-Noise Ratio (dB) – SNR is a measure of the difference in level between the maximum theoretical full scale
output signal and the output with no input signal applied.
2.
Total Harmonic Distortion (dB) – THD is the level of the rms value of the sum of harmonic distortion products relative
to the amplitude of the measured output signal.
3.
All performance measurements carried out with 20kHz low pass filter, and where noted an A-weighted filter. Failure to
use such a filter will result in higher THD and lower SNR readings than are found in the Electrical Characteristics. The
low pass filter removes out of band noise; although it is not audible it may affect dynamic specification values.
4.
Mute Attenuation – This is a measure of the difference in level between the full scale output signal and the output with
mute applied.
TYPICAL PERFORMANCE
TYPICAL POWER CONSUMPTION
Test Conditions
LINEVDD=AVDD=3.3V, DBVDD=1.8V, LINEGND=AGND=0V, TA=+25°C, Slave Mode, quiescent (no signal)
TEST CONDITIONS
IAVDD
ILINEVDD
IDBVDD
TOTAL
(mA)
(mW)
(mA)
(mW)
(mA)
(mW)
(mA)
(mW)
Off
No clocks applied
SYS_ENA [1:0]=00
0.7
2.31
0.9
2.97
0.05
0.09
1.65
5.37
fs=48kHz, MCLK=256fs
Standby
SYS_ENA [1:0]=01
0.2
0.66
2.0
6.6
0.1
0.18
2.3
7.44
Playback
SYS_ENA [1:0]=11
4.4
14.52
6.0
19.8
0.1
0.18
10.5
34.5
fs=96kHz, MCLK=256fs
Standby
SYS_ENA [1:0]=01
0.2
0.66
2.8
9.24
0.1
0.18
3.1
10.08
Playback
SYS_ENA [1:0]=11
4.9
16.17
8.5
28.05
0.1
0.18
13.5
44.4
fs=192kHz, MCLK=128fs
Standby
SYS_ENA [1:0]=01
0.2
0.66
2.8
9.24
0.1
0.18
3.1
10.08
Playback
SYS_ENA [1:0]=11
4.9
16.17
8.5
28.05
0.1
0.18
13.5
44.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com