Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8533ECSN/R Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8533ECSN/R
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8533ECSN/R Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8533ECSN/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
WM8533
Production Data
w
PD, July 2012, Rev 4.0
12
CONTROL INTERFACE TIMING – SPI MODE
SPI mode is selected by connecting the CIFMODE pin high.
Figure 5 Control Interface Timing – SPI Control Mode
Test Conditions
The following timing information is valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Program Register Input Information
SCLK rising edge to CS
¯¯ falling edge
tCSU
40
ns
SCLK falling edge to CS
¯¯ rising edge
tCHO
40
ns
SCLK pulse cycle time
tSCY
160
ns
SCLK pulse width low
tSCL
64
ns
SCLK pulse width high
tSCH
64
ns
SDA to SCLK set-up time
tDSU
20
ns
SDA to SCLK hold time
tDHO
40
ns
Pulse width of spikes that will be suppressed
tps
2
8
ns
Table 4 Control Interface Timing –SPI Control Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com