Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8533ECSN/R Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8533ECSN/R
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8533ECSN/R Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8533ECSN/R Datasheet HTML 28Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 31Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 32Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 33Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 34Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 35Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
WM8533
Production Data
w
PD, July 2012, Rev 4.0
32
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R3 (03h)
AIF_CTRL1
8
DAC_DEEMP
0
DAC De-emphasis Control
0 = No de-emphasis
1 = De-emphasis enabled
Page 28
7
AIF_MSTR
0
Master/Slave Select
0 = Slave mode
1 = Master mode
Page 21
6
AIF_LRCLK_INV
0
LRCLK Inversion Control
0 = Normal polarity
1 = Inverted polarity
When AIF_FMT [1:0]=11 (DSP Mode):
0 = Mode A (2nd clock)
1 = Mode B (1st clock)
Page 21
5
AIF_BCLK_INV
0
BCLK Inversion Control
Slave mode:
0 = Use rising edge
1 = Use falling edge
Master mode:
0 = BCLK normal
1 = BCLK inverted
Page 21
4:3
AIF_WL [1:0]
10
Audio Data Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits
Page 21
2
Reserved
0
Reserved
2:0
AIF_FMT [1:0]
10
Audio Data Interface Format
00 = Right justified
01 = Left justified
10 = I
2S format
11 = DSP mode
Page 21
Register 03h AIF_CTRL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com