Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8533ECSN/R Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8533ECSN/R
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8533ECSN/R Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8533ECSN/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
Production Data
WM8533
w
PD, July 2012, Rev 4.0
23
DIGITAL AUDIO DATA SAMPLING RATES
The external master clock is applied directly to the MCLK input pin. In a system where there are a
number of possible sources for the reference clock, it is recommended that the clock source with the
lowest jitter be used for the master clock to optimise the performance of the WM8533.
In slave mode the WM8533 has a detection circuit that automatically determines the relationship
between the master clock frequency (MCLK) and the sampling rate (LRCLK), to within ±32 system
clock periods. The MCLK must be synchronised with the LRCLK, although the device is tolerant of
phase variations or jitter on the MCLK.
If the device is configured in slave mode using auto-detect or in hardware mode, and during sample
rate change the ratio between MCLK and LRCLK varies more than once within 1026 LRCLK periods,
then it is recommended that the device be taken into the standby state or the off state before the
sample rate change and held in standby until the sample rate change is complete. This will ensure
correct operation of the detection circuit on the return to the enabled state. For details on the standby
state, please refer to the “Software Control Interface” (software mode, page 15) and “Power Up and
Down Control In Hardware Mode” sections of the datasheet (hardware mode, on page 29).
The DAC supports MCLK to LRCLK ratios of 128fs to 1152fs and sampling rates of 8kHz to 192kHz,
provided the internal signal processing of the DAC is programmed to operate at the correct rate.
Table 11 shows typical master clock frequencies and sampling rates supported by the WM8533 DAC.
SAMPLE RATE
(LRCLK)
MASTER CLOCK (MCLK) FREQUENCY (MHz)
128fs
192fs
256fs
384fs
512fs
768fs
1152fs
8kHz
Unavailable
Unavailable
2.048
3.072
4.096
6.144
9.216
32kHz
Unavailable
Unavailable
8.192
12.288
16.384
24.576
36.864
44.1kHz
Unavailable
Unavailable
11.2896
16.9344
22.5792
33.8688
Unavailable
48kHz
Unavailable
Unavailable
12.288
18.432
24.576
36.864
Unavailable
88.2kHz
11.2896
16.9344
22.5792
33.8688
Unavailable
Unavailable
Unavailable
96kHz
12.288
18.432
24.576
36.864
Unavailable
Unavailable
Unavailable
176.4kHz
22.5792
33.8688
Unavailable
Unavailable
Unavailable
Unavailable
Unavailable
192kHz
24.576
36.864
Unavailable
Unavailable
Unavailable
Unavailable
Unavailable
Table 11 MCLK Frequencies and Audio Sample Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com