Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9082ECSN/R Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM9082ECSN/R
Description  PDM Input Mono 3W Class D Speaker Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9082ECSN/R Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM9082ECSN/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Production Data
WM9082
w
PD, August 2012, Rev 4.1
9
DEVICE DESCRIPTION
INTRODUCTION
The WM9082 is a high performance sigma-delta Class D speaker driver designed for a range of high
performance, low-power audio applications. It is packaged in a 9-ball CSP.
The device comprises two digital input pins, which support the CLK and DATA inputs of the PDM
audio interface. Automatic Left/Right channel selection is provided using automatic detection of the
input configuration. The PDM audio interface also supports decoding of silent Control Codes which
can be used to configure the WM9082 or to select the low power, Standby operating state.
The WM9082 incorporates a selectable first-order high-pass filter for removing DC offsets and to help
prevent speaker damage. Input sample rates of 32kHz, 44.1kHz and 48kHz are supported.
The sigma-delta architecture of the Class D output driver provides good power efficiency and
improved EMI performance with respect to traditional PWM Class D designs.
The Class D speaker driver is powered from SPKVDD in the range 3.2V to 5.5V. The driver can
deliver 2.5W output into a 4Ω load. The WM9082 is suitable for positioning very close to the external
loudspeaker. The differential (BTL) outputs can connect directly to the loudspeaker with no other
external components required.
Short-circuit and thermal protection is also provided.
The WM9082 is supplied in a 9-ball 1.56 x 1.46mm CSP package, with 0.5mm ball pitch.
PDM AUDIO INTERFACE
The WM9082 supports a stereo PDM audio interface, comprising a CLK wire and a DATA wire. Two
channels of audio data are multiplexed on the DATA wire; the WM9082 speaker driver selects either
the Left channel data or the Right channel data depending on the hardware configuration of the
interface connection.
Each channel of PDM audio data consists of a stream of 1-bit data samples; the bit rate is 128 x fs,
where fs is the sample frequency of the received audio signal. Note that PDM is a ‘pulse density
modulation’ coding, where the signal amplitude is represented by the density of logic 1’s in any
window of consecutive data bits.
Two audio channels are interleaved on the PDM interface as illustrated in Figure 1. The Left channel
data is read at the rising edge of CLK; the Right channel data is read at the falling edge of CLK. See
“Signal Timing Requirements” for specific timing requirements.
CLK input
DATA input
(left & right channels interleaved)
L
R
L
R
L
R
Left channel input
L
L
L
Right channel input
R
R
R
Figure 1 PDM Audio Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com