Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9082ECSN/R Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM9082ECSN/R
Description  PDM Input Mono 3W Class D Speaker Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9082ECSN/R Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM9082ECSN/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Production Data
WM9082
w
PD, August 2012, Rev 4.1
11
ID
FUNCTION
DESCRIPTION
CONTROL
CODE
Code 1
Start Up (3.6V SPKVDD)
Fast Start-Up for default SPKVDD
AA
Code 2
Standby
Disable Class D output
66
Code 3
EMI control 1
Invert SR[1]
F0
Code 4
32kHz mode control
Select 32kHz sample rate mode
8B
Code 5
High Pass Filter control
Disable 2Hz High Pass Filter
39
Code 6
Page 2 access
Enable Page 2 Control Codes
56
Code 7
Reserved
D1
Code 8
Reserved
D2
Code 9
Start Up (3.6V SPKVDD)
Start-Up for SPKVDD = 3.6V
D4
Code 10
Start Up (5.0V SPKVDD)
Start-Up for SPKVDD = 5.0V
D8
Table 2 WM9082 Page 1 Control Codes
ID
FUNCTION
DESCRIPTION
CONTROL
CODE
Code 1
Reserved
AA
Code 2
Reserved
66
Code 3
Performance control 1
Invert PC1[0]
F0
Code 4
Reserved
8B
Code 5
Reserved
39
Code 6
Reserved
56
Code 7
Reserved
D1
Code 8
Reserved
D2
Code 9
EMI control 2
Invert SR[0]
D4
Code 10
Performance control 2
Increment PC2[1:0]
D8
Table 3 WM9082 Page 2 Control Codes
The output driver slew-rate control is configurable using the SR[1] and SR[0] bits. These fields are
defined in Table 4. The slew-rate Control Code sequences are described in Table 6.
SR[1]
SR[0]
OUTPUT SLEW RATE
(OUTPUT RISE / FALL TIME)
0
0
5ns (Default)
0
1
10ns
1
0
20ns
1
1
40ns
Table 4 Output Slew Rate Control bits
The output driver operating mode is configurable using the PC1[0] and PC2[1:0] bits. These fields are
defined in Table 5. Selected operating mode Control Code sequences are described in Table 6.
PC1[0]
PC2[1:0]
DESCRIPTION
1
00
Best PSRR
1
01
↑
↓
(default)
1
10
↑
↓
1
11
↑
↓
0
XX
Best SNR
Table 5 Operating Mode Control bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com