Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9082ECSN/R Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM9082ECSN/R
Description  PDM Input Mono 3W Class D Speaker Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9082ECSN/R Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM9082ECSN/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 24Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
WM9082
Production Data
w
PD, August 2012, Rev 4.1
24
REVISION HISTORY
DATE
REV
DESCRIPTION OF CHANGES
PAGE
CHANGED BY
05/07/10
1.0
First Release
20/04/11
2.0
Product status updated to preliminary technical data
21/04/11
2.0
Updated pinout changing VREFC to DNC. All associated diagrams
and tables also updated to reflect the change
1, 4, 16,
18
WF
28/04/11
2.0
PSRR typical electrical characteristics values added
5
BM
03/05/11
2.0
In Description, removed ‘The recommended configuration requires
only 3 external capacitors’
1
WF
12/08/11
2.1/2.2
Electrical Characteristics updated.
Additional Control Codes defined for slew rate control &
performance mode.
Updates to filterless speaker description & recommendations
PH
15/09/11
2.2
Electrical Characteristics updated
Default slew rate / operating mode conditions updated
PH
25/10/11
3.0
Product status updated to pre-production
JMacD
18/05/12
4.0
Electrical Characteristics updated
Typical performance graphs added
PH
10/08/12
4.1
Package Diagram DM085C added.
JMacD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com