Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9082ECSN/R Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM9082ECSN/R
Description  PDM Input Mono 3W Class D Speaker Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9082ECSN/R Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM9082ECSN/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 24Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
WM9082
Production Data
w
PD, August 2012, Rev 4.1
20
PCB LAYOUT CONSIDERATIONS
Poor PCB layout will degrade the performance and be a contributory factor in EMI, ground bounce
and resistive voltage losses. All external components should be placed as close to the WM9082
device as possible, with current loop areas kept as small as possible.
CLASS D LOUDSPEAKER CONNECTION
Long, exposed PCB tracks or connection wires will emit EMI. The distance between the WM9082 and
the loudspeaker should therefore be kept as short as possible. Where speakers are connected to the
PCB via a cable form, it is recommended that a shielded twisted pair cable is used. The shield should
be connected to the main system, with care taken to ensure ground loops are avoided.
Further reduction in EMI can be achieved using PCB ground (or VDD) planes and also by using
passive LC components to filter the Class D switching waveform. When passive filtering is used, low
ESR components should be chosen in order to minimise the series resistance between the WM9082
and the speaker, maximising the power efficiency.
LC passive filtering will usually be effective at reducing EMI at frequencies up to around 30MHz. To
reduce emissions at higher frequencies, ferrite beads can also be used. These should be positioned
as close to the device as possible.
These techniques for EMI reduction are illustrated in Figure 8.
EMI
LOW ESR
LOW ESR
Long, exposed tracks emit EMI
Short connection wires will reduce EMI emission
Shielding using PCB ground (or VDD) planes
will reduce EMI emission
LC filtering will reduce EMI emission
up to around 30MHz
Ferrite beads will reduce EMI emission
at frequencies above 30MHz.
WM9082
WM9082
WM9082
WM9082
WM9082
SPKOUTP
SPKOUTN
SPKOUTP
SPKOUTN
SPKOUTP
SPKOUTN
SPKOUTP
SPKOUTN
SPKOUTP
SPKOUTN
Figure 8 EMI Reduction Techniques



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com