Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8523GEFL/RV Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8523GEFL/RV
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523GEFL/RV Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8523GEFL/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 51Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
Production Data
WM8523
w
PD, Rev 4.1, August 2011
47
RECOMMENDED ANALOGUE LOW PASS FILTER
Figure 41 Recommended Analogue Low Pass Filter (one channel shown)
An external single-pole RC filter is recommended if the device is driving a wideband
amplifier. Other filter architectures may provide equally good results.
The filter shown in Figure 41 has a -3dB cut-off at 105.26kHz and a droop of 0.15dB at
20kHz. The typical output from the WM8523 is 2.1Vrms – when a 10kΩ load is placed at the
output of this recommended filter the amplitude across this load is 1.99Vrms.
RELEVANT APPLICATION NOTES
The following application notes, available from www.wolfsonmicro.com, may provide
additional guidance for use of the WM8523.
DEVICE PERFORMANCE:
WAN0129 – Decoupling and Layout Methodology for Wolfson DACs, ADCs and CODECs
WAN0144 – Using Wolfson Audio DACs and CODECs with Noisy Supplies
WTN0302 - WM8524 Recommended Power Sequence and Timing (for hardware mode)
GENERAL:
WAN0108 – Moisture Sensitivity Classification and Plastic IC Packaging
WAN0109 – ESD Damage in Integrated Circuits: Causes and Prevention
WAN0158 – Lead-Free Solder Profiles for Lead-Free Components
WAN0161 – Electronic End-Product Design for ESD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com