Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8523GEFL/RV Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8523GEFL/RV
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523GEFL/RV Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8523GEFL/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
WM8523
Production Data
w
PD, Rev 4.1, August 2011
22
AUDIO DATA FORMATS
In Right Justified mode, the LSB is available on the last rising edge of BCLK before a LRCLK transition.
All other bits are transmitted before (MSB first). Depending on word length, BCLK frequency and sample
rate, there may be unused BCLK cycles after each LRCLK transition.
Figure 16 Right Justified Audio Interface (assuming n-bit word length)
In Left Justified mode, the MSB is available on the first rising edge of BCLK following a LRCLK transition.
The other bits up to the LSB are then transmitted in order. Depending on word length, BCLK frequency
and sample rate, there may be unused BCLK cycles before each LRCLK transition.
Figure 17 Left Justified Audio Interface (assuming n-bit word length)
In I2S mode, the MSB is available on the second rising edge of BCLK following a LRCLK transition. The
other bits up to the LSB are then transmitted in order. Depending on word length, BCLK frequency and
sample rate, there may be unused BCLK cycles between the LSB of one sample and the MSB of the
next.
Figure 18 I
2S Justified Audio Interface (assuming n-bit word length)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com