Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8523GEFL/RV Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8523GEFL/RV
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523GEFL/RV Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8523GEFL/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
WM8523
Production Data
w
PD, Rev 4.1, August 2011
24
Figure 22 DSP Mode Audio Interface (mode B, AIF_LRCLK_INV=1, Slave)
DIGITAL AUDIO INTERFACE CONTROL
The control of the audio interface in software mode is achieved by register write. Dynamically changing
the audio data format may cause erroneous operation and is not recommended.
Digital audio data is transferred to the WM8523 via the digital audio interface. The DAC operates in
master or slave mode.
The DAC audio interface requires left/right frame clock (LRCLK) and bit clock (BCLK). These can be
supplied externally (slave mode) or they can be generated internally (master mode). Selection of master
and slave mode is achieved by setting AIF_MSTR bit in Register 3.
The frequency of LRCLK in master mode is dependent upon the DAC master clock frequency and the
AIF_SR[2:0] bits. The frequency of BCLK in master mode can be selected by AIF_BCLKDIV[2:0]. In
slave mode, the MCLK to LRCLK ratio can be auto-detected or set manually using the AIF_SR[2:0] bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3
AIF_CTRL1
03h
7
AIF_MSTR
0
Master/Slave Select
0 = Slave
1 = Master
R4
AIF_CTRL2
04h
2:0
AIF_SR[2:0
000
MCLK:LRCLK Ratio
000 = Auto detect
001 = 128fs
010 = 192fs
011 = 256fs
100 = 384fs
101 = 512fs
110 = 768fs
111 = 1152fs
5:3
AIF_BCLK
DIV[2:0]
000
BCLK Divider Control (Master Mode)
000 = MCLK/4
001 = MCLK/8
010 = 32fs
011 = 64fs
100 = 128fs
101 - 111 reserved
Table 9 DAC Clocking Mode Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com