Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8523GEFL/RV Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8523GEFL/RV
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523GEFL/RV Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8523GEFL/RV Datasheet HTML 28Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 29Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
WM8523
Production Data
w
PD, Rev 4.1, August 2011
32
HARDWARE CONTROL INTERFACE
The WM8523 can be controlled in hardware mode or in software modes. In hardware mode, the device
is configured according to logic levels applied to hardware pins.
Hardware control mode is selected by leaving CIFMODE pin open-circuit (high-impedance). When
hardware mode is selected, the associated multi-function control pins are defined as described in Table
22.
PIN NAME
PIN NAME
PIN NUMBER
DESCRIPTION
TSSOP
QFN
ZFLAG
7
24
Zero Flag Output
0 = Normal operation
1 = Infinite zero detect is triggered or mute is applied
DEEMPH
12
5
De-emphasis Filter Select
0 = Filter disabled
1 = Filter enabled
AIFMODE0
13
6
AIFMODE1
0
0
1
1
AIFMODE0
0
1
0
1
FORMAT
24-bit Left Justified
24-bit I2S
16-bit Right Justified
24-bit Right Justified
AIFMODE1
14
7
MUTE
¯¯¯¯¯
15
8
Mute Control
0 = Mute
1 = Normal operation
CIFMODE
16
9
Control Interface Mode
0 = I2C Mode
1 = SPI Mode
Z = Hardware Mode
Table 22 Hardware Control Pin Configuration
DE-EMPHASIS
A digital de-emphasis filter may be applied to the DAC output when the sampling frequency is 44.1kHz.
Operation at 48kHz and 32kHz is also possible, but with an increase in the error from the ideal response.
Details of the de-emphasis filter characteristic for 32kHz, 44.1kHz and 48kHz can be seen in Figure 31 to
Figure 36.
MUTE
In hardware mode, the MUTE
¯ ¯ ¯ ¯ ¯ pin controls the DAC mute to both left and right channels. When the mute
is asserted a softmute is applied to ramp the signal down, with the ramp rate related to the sample rate
as defined in Table 15 on page 30. Once mute is achieved, the ZFLAG is asserted. When the mute is
de-asserted the signal returns to full scale in one step and the ZFLAG is de-asserted.
ZERO DETECT
The zero detect function in hardware mode will assert the ZFLAG pin high when 1024 zero count
samples are input to the digital audio interface. Additionally, the ZFLAG is asserted when the device is
muted using the MUTE
¯¯¯¯¯ pin and also until the device comes out of reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com