Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXD10PB Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # PXD10PB
Description  32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10PB Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button PXD10PB Datasheet HTML 18Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 19Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 20Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 21Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 22Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 23Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 24Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 25Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 26Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
PXD10 Product Brief, Rev. 1
Features
Freescale Semiconductor
24
2.4.29
Boot Assist Module (BAM)
The BAM is a block of read-only memory that is programmed once by Freescale. The BAM program is
executed every time the MCU is powered-on or reset in normal mode. The BAM supports different modes
of booting. They are:
•
Booting from internal flash memory
•
Serial boot loading (A program is downloaded into RAM via CAN or UART and then executed)
•
Booting from external memory
Additionally, the BAM:
•
Enables and manages the transition of the MCU from reset to user code execution
•
Configures device for serial bootload
•
Enables multiple bootcode starting locations out of reset through implementation of search for
valid Reset Configuration Halfword
•
Enables or disables software watchdog timer out of reset through BAM read of the Reset
Configuration Halfword option bit
2.4.30
IEEE 1149.1 JTAG Controller (JTAGC)
JTAGC features the following:
•
Backward compatible to standard JTAG IEEE 1149.1-2001 test access port (TAP) interface
•
Support for boundary scan testing
2.4.31
Nexus Development Interface (NDI)
Nexus features the following:
•
Per IEEE-ISTO 5001-2003
•
Nexus 2 Plus features supported
— Static debug
— Watchpoint messaging
— Ownership trace messaging
— Program trace messaging
— Real time read/write of any internally memory mapped resources through JTAG pins
— Overrun control, which selects whether to stall before Nexus overruns or keep executing and
allow overwrite of information
— Watchpoint triggering, watchpoint triggers program tracing
•
Configured via the IEEE 1149.1 (JTAG) port
•
Nexus Auxiliary port supported on the 176 LQFP package FOR DEVELOPMENT ONLY
— Narrow Auxiliary Nexus port supporting support trace, with 2 MDO pins
— Wide Auxiliary Nexus port supporting higher bandwidth trace, with 4 MDO pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com