Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXD10PB Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # PXD10PB
Description  32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10PB Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button PXD10PB Datasheet HTML 14Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 15Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 16Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 17Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 18Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 19Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 20Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 21Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
PXD10 Product Brief, Rev. 1
Features
Freescale Semiconductor
18
•
Bus-busy detection
2.4.18
Real Time Counter (RTC)
The Real Timer Counter supports wake-up from Low Power modes or Real Time Clock generation
•
Configurable resolution for different timeout periods
— 1 s resolution for >1 hour period
— 1 ms resolution for 2 second period
•
Selectable clock sources from external 32 KHz crystal, external 4–16 MHz crystal, internal
128 kHz RC oscillator or divided internal 16 MHz RC oscillator
2.4.19
Enhanced Modular Input/Output System (Timers, PWM)
PXD10 microcontrollers have two eMIOS modules—one with 16 channels and one with 8—with
input/output channels supporting a range of 16-bit input capture, output compare, and Pulse Width
Modulation functions.
The modules are configurable and can implement 8-channel, 16-bit input capture/output compare or
16-channel, 16-bit output pulse width modulation/input compare/output compare. Up to five additional
channels are configurable as modulus counters.
eMIOS features include:
•
Selectable clock source from main FMPLL, auxiliary FMPLL, external 4–16 MHz oscillator or
16 MHz Internal RC oscillator
•
Timed I/O channels with 16-bit counter resolution
•
Buffered updates
•
Support for shifted PWM outputs to minimize occurrence of concurrent edges
•
Edge aligned output pulse width modulation
— Programmable pulse period and duty cycle
— Supports 0% and 100% duty cycle
— Shared or independent time bases
•
Programmable phase shift between channels
•
Selectable combination of pairs of eMIOS outputs to support sound generation
•
DMA transfer support
•
Selectable clock source from the primary FMPLL, auxiliary FMPLL, external 4–16 MHz
oscillator or the 16 MHz internal RC oscillator.
The channel configuration options for the 16-channel eMIOS module are summarized in Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com