Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXD10PB Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # PXD10PB
Description  32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10PB Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button PXD10PB Datasheet HTML 11Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 12Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 13Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 14Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 15Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 16Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 17Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 18Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Features
PXD10 Product Brief, Rev. 1
Freescale Semiconductor
15
—Less than
— Out of range
•
All unused analog inputs can be used as general purpose input and output pins
•
Power down mode
•
Optional support for DMA transfer of results
2.4.13
Sound generation logic (SGL) module
The SGL module has two modes of operation:
•
Amplitude modulated PWM mode for low cost buzzers using any two eMIOS channels
— Monophonic signal with amplitude control
— 8-bit amplitude resolution
— Ability to mix any two eMIOS channels.
— Requires simple external RC lowpass filter
•
Digital sample mode for higher quality sound using one eMIOS channel and eDMA
— Up to 10-bit audio amplitude resolution
— Polyphonic sound synthesis
— Playback of sample based waveforms
— Text-to-speech possibility
— Requires external lowpass filter
2.4.14
Serial communication interface module (UART)
The PXD10 devices include up to two UART modules and support UART Master mode, UART Slave
mode and UART mode. The modules are UART state machine compliant to the UART 1.3 and 2.0 and 2.1
Specifications and handle UART frame transmission and reception without CPU intervention.
The serial communication interface module offers the following:
•
UART features:
— Full-duplex operation
— Standard non return-to-zero (NRZ) mark/space format
— Data buffers with 4-byte receive, 4-byte transmit
— Configurable word length (8-bit or 9-bit words)
— Error detection and flagging
– Parity, noise and framing errors
— Interrupt driven operation with 4 interrupts sources
— Separate transmitter and receiver CPU interrupt sources
— 16-bit programmable baud-rate modulus counter and 16-bit fractional
— Two receiver wake-up methods
•
LIN features:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com