Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXD10PB Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # PXD10PB
Description  32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10PB Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button PXD10PB Datasheet HTML 18Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 19Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 20Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 21Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 22Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 23Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 24Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 25Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 26Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
Developer support
PXD10 Product Brief, Rev. 1
Freescale Semiconductor
25
3
Developer support
This family of MCUs is supported by Freescale’s Tower Development System as well as a broad set of
advanced debug and runtime software:
•
CodeWarrior
•FreeMaster
•MQX
•
RAppID Init
•
RAppID Toolbox
•
Swell PEG/PEG+/PEG Pro
4
Orderable parts
Figure 2. PXD10 orderable part number description
Table 5. PXD10 orderable part number summary
Part number
Flash/SRAM
Package
Speed
(MHz)
MPXD1005VLQ64
512 KB / 48 KB
144 LQFP (20 mm x 20 mm)
64
MPXD1010VLQ64
1 MB / 48 KB
144 LQFP (20 mm x 20 mm)
64
MPXD1010VLU64
1 MB / 48 KB
176 LQFP (24 mm x 24 mm)
64
MPX
10
Note: Not all options are available on all devices. See Table 5 for more information.
D
Qualification status
Brand
Family
Class
Flash memory size
Temperature range
V = –40 °C to 105 °C
Operating frequency
64 = 64 MHz
Tape and reel status
R = Tape and reel
(blank) = Trays
Qualification status
P = Pre-qualification (engineering samples)
M = Fully spec. qualified, general market flow
S = Fully spec. qualified, automotive flow
10 V
Temperature range
LU
Package identifier
64 R
Operating frequency
Tape and reel indicator
Package identifier
LQ = 144 LQFP
120 = 120 MHz
(ambient)
LU = 176 LQFP
Family
D = Display Graphics
N = Connectivity/Network
R = Performance/Real Time Control
S=Safety
Flash Memory Size
05 = 512 KB
10 = 1 MB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com