Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXR40 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # PXR40
Description  PXR40 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button PXR40 Datasheet HTML 53Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 54Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 55Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 56Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 57Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 58Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 59Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 60Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 100 page
background image
Electrical characteristics
PXR40 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
57
2a
—
Untrimmed VRC 1.2V output variation before
band gap trim (unloaded)
Note: Voltage should be higher than maximum
VLVD12 to avoid LVD event
VDD12OUT – 8% VDD12OUT VDD12OUT + 17%
V
2b
—
Trimmed VRC 1.2V output variation after band
gap trim (REGCTL load max. 20mA, VDD load
max. 1A)1
VDD12OUT – 5% VDD12OUT VDD12OUT + 10%
V
2c
VSTEPV12
Trimming step VDD12OUT
—10
—
mV
3VPORC
POR rising VDD 1.2V
—
0.7
—
V
3a
—
POR VDD 1.2V variation
VPORC – 30%
VPORC
VPORC + 30%
3b
—
POR 1.2V hysteresis
—
75
—
mV
4VLVD12
Nominal rising LVD 1.2V
Note: ~VDD12OUT × 0.87
—
1.100
—
V
4a
—
Untrimmed LVD 1.2V variation before band gap
trim
Note: Rising VDD
VLVD12 – 6%
VLVD12
VLVD12 + 6%
V
4b
—
Trimmed LVD 1.2V variation after band gap trim
Rising VDD
VLVD12 – 3%
VLVD12
VLVD12 + 3%
V
4c
—
LVD 1.2V Hysteresis
15
20
25
mV
4d
VLVDSTEP12
Trimming step LVD 1.2V
—
10
—
mV
5IREGCTL
VRC DC current output on REGCTL
—
—
20
mA
6
—
Voltage regulator 1.2V current consumption
VDDREG
—3
—
mA
7VDD33OUT
Nominal VREG 3.3V output
—
3.3
—
V
7a
—
Untrimmed VREG 3.3V output variation before
band gap trim (unloaded)
Note: Rising VDDSYN
VDD33OUT – 6% VDD33OUT VDD33OUT + 10%
V
7b
—
Trimmed VREG 3.3V output variation after band
gap trim (max. load 80mA)
VDD33OUT – 5% VDD33OUT VDD33OUT + 10%
V
7c
VSTEPV33
Trimming step VDDSYN
—
30
—
mV
8VLVD33
Nominal rising LVD 3.3V
Note: ~VDD33OUT × 0.872
—
2.950
—
V
8a
—
Untrimmed LVD 3.3V variation before band gap
trim
Note: Rising VDDSYN
VLVD33 – 5%
VLVD33
VLVD33 + 5%
V
8b
—
Trimmed LVD 3.3V variation after bad gap trim
Note: Rising VDDSYN
VLVD33 – 3%
VLVD33
VLVD33 + 3%
V
8c
—
LVD 3.3V Hysteresis
—
30
—
mV
8d
VLVDSTEP33
Trimming step LVD 3.3V
—
30
—
mV
Table 8. PMC electrical specifications (continued)
ID
Name
Parameter
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com