Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXR40 Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # PXR40
Description  PXR40 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40 Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button PXR40 Datasheet HTML 84Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 85Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 86Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 87Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 88Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 89Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 90Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 91Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 100 page
background image
PXR40 Microcontroller Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
88
5.12.6
External interrupt timing (IRQ pin)
Figure 23. External interrupt timing
5.12.7
eTPU timing
Table 34. External interrupt timing1
1 IRQ timing specified at V
DD = 1.08 V to 1.32 V, VDDEH = 3.0 V to 5.5 V, VDD33 and VDDSYN = 3.0 V to 3.6 V, TA =TL
to TH.
Spec
Characteristic
Symbol
Min
Max
Unit
1
IRQ Pulse Width Low
tIPWL
3—
tcyc
2
2 See Notes on t
cyc on Figure 8 and Table 25 in Section 5.11.1 Clocking.
2
IRQ Pulse Width High
tIPWH
3—
tcyc
2
3
IRQ Edge to Edge Time3
3 Applies when IRQ pins are configured for rising edge or falling edge events, but not both.
tICYC
6—
tcyc
2
Table 35. eTPU timing1
1 eTPU timing specified at V
DD = 1.08 V to 1.32 V, VDDEH = 3.0 V to 5.5 V, VDD33 and VDDSYN = 3.0 V to 3.6 V, TA =TL to TH,
and CL = 200 pF with SRC = 0b00.
Spec
Characteristic
Symbol
Min
Max
Unit
1
eTPU Input Channel Pulse Width
tICPW
4—
tcyc
2
2 See Notes on t
cyc on Figure 8 and Table 25 in Section 5.11.1 Clocking.
2
eTPU Output Channel Pulse Width
tOCPW
13
3 This specification does not include the rise and fall times. When calculating the minimum eTPU pulse width, include the rise
and fall times defined in the slew rate control fields (SRC) of the pad configuration registers (PCR).
—tcyc
2
IRQ
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com