Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXR40 Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # PXR40
Description  PXR40 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40 Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button PXR40 Datasheet HTML 62Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 63Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 64Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 65Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 66Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 67Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 68Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 69Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 100 page
background image
PXR40 Microcontroller Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
66
5.8
Oscillator and FMPLL electrical characteristics
9
Diff Skew Itphla-tplhbI or
Itplhb-tphlaI
TSKEW
——
—
0.5
ns
Termination
10
Trans. Line (differential Zo)
—
—
95
100
105
ohms
11
Temperature
—
—
–40
—
150
C
Table 15. FMPLL Electrical Specifications1
(VDDSYN = 3.0 V to 3.6 V, VSS =VSSSYN =0 V, TA =TL to TH)
1 All values given are initial design targets and subject to change.
Spec
Characteristic
Symbol
Min
Max
Unit
1
PLL Reference Frequency Range2 (Normal Mode)
Crystal Reference (PLLCFG2 = 0b0)
Crystal Reference (PLLCFG2 = 0b1)
External Reference (PLLCFG2 = 0b0)
External Reference (PLLCFG2 = 0b1)
2 Crystal and External reference frequency limits depend on device relying on PLL to lock prior to release of reset, default
PREDIV/EPREDIV, MFD/EMFD default settings, and VCO frequency range. Absolute minimum loop frequency is 4 MHz.
fref_crystal
fref_crystal
fref_ext
fref_ext
8
16
8
16
20
403
20
40
3 Upper tolerance of less than 1% is allowed on 40MHz crystal.
MHz
2
Loss of Reference Frequency4
4 “Loss of Reference Frequency” is the reference frequency detected internally, which transitions the PLL into self clocked mode.
fLOR
100
1000
kHz
3
Self Clocked Mode Frequency5
5 Self clocked mode frequency is the frequency that the PLL operates at when the reference frequency falls below f
LOR. This
frequency is measured at D_CLKOUT. A default RFD value of (0x05) is used in SCM mode, and the programmed MFD and
RFD values have no effect
fSCM
416
MHz
4
PLL Lock Time6
tLPLL
—
< 400
s
5
Duty Cycle of Reference 7
tDC
40
60
%
6
Frequency un-LOCK Range
fUL
–4.0
4.0
% fsys
7
Frequency LOCK Range
fLCK
–2.0
2.0
% fsys
8
D_CLKOUT Period Jitter8, 9 Measured at fSYS Max
Cycle-to-cycle Jitter
CJitter
–5
5
%fclkout
9
Peak-to-Peak Frequency Modulation Range Limit 10,11
(fsys Max must not be exceeded)
Cmod
04
%fsys
10
FM Depth Tolerance12
Cmod_err
–0.25
0.25
%fsys
11
VCO Frequency
fVCO
192
600
MHz
12
Modulation Rate Limits13
fmod
0.400
1
MHz
13
Predivider output frequency range14
fprediv
410
MHz
Table 14. DSPI LVDS pad specification (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com